Electronic Components Datasheet Search
  English  ▼

X  

HT1382 Datasheet(PDF) 14 Page - Holtek Semiconductor Inc

Part # HT1382
Description  I2C/3-Wire Real Time Clock
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT1382 Datasheet(HTML) 14 Page - Holtek Semiconductor Inc

Back Button HT1382 Datasheet HTML 10Page - Holtek Semiconductor Inc HT1382 Datasheet HTML 11Page - Holtek Semiconductor Inc HT1382 Datasheet HTML 12Page - Holtek Semiconductor Inc HT1382 Datasheet HTML 13Page - Holtek Semiconductor Inc HT1382 Datasheet HTML 14Page - Holtek Semiconductor Inc HT1382 Datasheet HTML 15Page - Holtek Semiconductor Inc HT1382 Datasheet HTML 16Page - Holtek Semiconductor Inc HT1382 Datasheet HTML 17Page - Holtek Semiconductor Inc HT1382 Datasheet HTML 18Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 29 page
background image
Alarm Enable Bit
- AE
This bit enables/disables the alarm function. When the AE bit is set to
²1², the alarm function is
enabled. When the AE bit is cleared to
²0², the alarm function is disabled.
Digital Trimming Setting Bits
- DTS
This bit sets the digital trimming resolution and adjustment time. The user must detect the status of the
EB bit before reading data or writing data. If the EB bit is
²0², it is valid to read data or write data. If the
EB bit is
²1², it is invalid to read data or write data.
DTS=
²0²
DTS=
²1²
Adjustment time
Every 10 seconds
Every 30 seconds
Minimum resolution
3.052ppm
1.017ppm
Correction range
-192.276ppm to +192.276ppm
-64.071ppm to + 64.071ppm
Digital Trimming Bits
- DT6~DT0
This digital trimming bit, DT6, is the sign bit. A
²0² indicates positive calibration and a ²1² indicates
negative calibration. DT5~DT0 are the calibration values and the adjustable range is -63 ~ +63. If DTS
is cleared to
²0², the correction range is -192.276ppm to +192.276ppm and if DTS is set to ²1², the
correction range is -64.071ppm to +64.071ppm. The user must detect the status of EB bit before
reading data or writing data. If the EB bit is
²0², it is valid to read data or write data. If the EB bit is ²1²,
it is invalid to read data or write data.
DT6
DT5
DT4
DT3
DT2
DT1
DT0
Value
Correction Value (ppm)
DTS=
²0²
DTS=
²1²
0111111
+63
+192.276
+64.071
0111110
+62
+189.224
+63.054
0111101
+61
+186.172
+62.037
0111100
+6
+183.120
+61.020
:
:
:
:
:
:
0000011
+3
+9.156
+3.051
0000010
+2
+6.104
+2.034
0000001
+1
+3.052
+1.017
00000000
0
0
10000000
0
0
1000001
-1
-3.052
-1.07
1000010
-2
-6.104
-2.034
1000011
-3
-9.156
-3.051
:
:
:
:
:
:
1111100
-60
-183.120
-61.020
1111101
-61
-186.172
-62.037
1111110
-62
-189.224
-63.054
1111111
-63
-192.276
-64.071
Rev. 1.40
14
May 27, 2011
HT1382
I2C/3-Wire Real Time Clock



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com