Electronic Components Datasheet Search
  English  ▼

X  

HT1382 Datasheet(PDF) 23 Page - Holtek Semiconductor Inc

Part # HT1382
Description  I2C/3-Wire Real Time Clock
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT1382 Datasheet(HTML) 23 Page - Holtek Semiconductor Inc

Back Button HT1382 Datasheet HTML 19Page - Holtek Semiconductor Inc HT1382 Datasheet HTML 20Page - Holtek Semiconductor Inc HT1382 Datasheet HTML 21Page - Holtek Semiconductor Inc HT1382 Datasheet HTML 22Page - Holtek Semiconductor Inc HT1382 Datasheet HTML 23Page - Holtek Semiconductor Inc HT1382 Datasheet HTML 24Page - Holtek Semiconductor Inc HT1382 Datasheet HTML 25Page - Holtek Semiconductor Inc HT1382 Datasheet HTML 26Page - Holtek Semiconductor Inc HT1382 Datasheet HTML 27Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 29 page
background image
8-pin TSSOP Outline Dimensions
Symbol
Dimensions in inch
Min.
Nom.
Max.
A
0.041
¾
0.047
A1
0.002
¾
0.006
A2
0.031
¾
0.041
B
¾
0.010
¾
C
0.004
¾
0.006
D
0.114
¾
0.122
E
0.244
¾
0.260
E1
0.169
¾
0.177
e
¾
0.026
¾
L
0.020
¾
0.028
L1
0.035
¾
0.043
y
¾¾
0.004
q
0
°¾
8
°
Symbol
Dimensions in mm
Min.
Nom.
Max.
A
1.05
¾
1.20
A1
0.05
¾
0.15
A2
0.80
¾
1.05
B
¾
0.25
¾
C
0.11
¾
0.15
D
2.90
¾
3.10
E
6.20
¾
6.60
E1
4.30
¾
4.50
e
¾
0.65
¾
L
0.50
¾
0.70
L1
0.90
¾
1.10
y
¾¾
0.10
q
0
°¾
8
°
HT1382
I2C/3-Wire Real Time Clock
Rev. 1.40
23
May 27, 2011
A 1
A
L
E 1
e
B
A 2
y
R 0 . 1 0
( 4 C O R N E R S )
E
L 1
C
q
D
1
4
5
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com