Electronic Components Datasheet Search
  English  ▼

X  

HT1382 Datasheet(PDF) 12 Page - Holtek Semiconductor Inc

Part # HT1382
Description  I2C/3-Wire Real Time Clock
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT1382 Datasheet(HTML) 12 Page - Holtek Semiconductor Inc

Back Button HT1382 Datasheet HTML 8Page - Holtek Semiconductor Inc HT1382 Datasheet HTML 9Page - Holtek Semiconductor Inc HT1382 Datasheet HTML 10Page - Holtek Semiconductor Inc HT1382 Datasheet HTML 11Page - Holtek Semiconductor Inc HT1382 Datasheet HTML 12Page - Holtek Semiconductor Inc HT1382 Datasheet HTML 13Page - Holtek Semiconductor Inc HT1382 Datasheet HTML 14Page - Holtek Semiconductor Inc HT1382 Datasheet HTML 15Page - Holtek Semiconductor Inc HT1382 Datasheet HTML 16Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 29 page
background image
Real Time Clock Register
The RTC register stores the Year, Day, Month, Date, Hours, Minutes and, Second data in BCD format.
12/24 Hour Mode
Bit D7 of the hour register is defined as the 12-hour or 24-hours mode select bit. If the bit is
²1², the
RTC uses a 24-hour format. If
²0², the RTC uses a 12-hour format. The default value is ²0².
AM/PM Mode
There are two function for the D5 bit in the hour register which is determined by the D7 bit. In the
12-hour mode the bit is used for AM/PM selection. When D5 is
²1², it will be PM, otherwise it will be
AM. In the 24-hour mode, the bit is used to set the second 10-hour bit(20~23 hours).
Leap Years
Leap years add an extra day for February 29 and are defined as those years that are divisible by 4. The
device will provide automatic correction for leap years until year 2099.
Clock HALT Bit
- CH
This bit enables/disables the oscillator. The CH bit is set high to disable the oscillator and cleared to
zero is enable it. The default value is define as
²1².
Write Protect Bit
- WP
The WP bit is set high to prevent data writes and cleared to zero to allow data to be written. The default
value is define as
²1².
Battery Enable Bit
- BE
When the device enters the battery backup mode, the BE bit is set to
²1². This bit can be cleared to ²0²
either manually by the user or automatically reset by the ARE pin. Only a
²0² an be written to this bit,
not a
²1².
Alarm Interrupt Bit
- AI
When the RTC register values match the alarm register values, the AI bit will be set to
²1². This bit can
be reset to
²0² either manually by the user or automatically reset by the ARE pin. Only a ²0² an be
written to this bit, not a
²1². The AI bit will be set by an alarm occurring during a read operation ad will
remain set until after the read operation is complete.
Auto Reset Enable Bit
- ARE
This bit enables/disables the automatic reset of the BE and AI status bits only. When ARE is set to
²1²,
BE and AI will be reset to
²0² after reading these registers. When ARE is cleared to ²0², the user must
manually reset the BE and AI bits.
EEPROM Write Enable Bit
- EWE
When EWE is cleared to
²0², the EEPROM is read only, and the user can not write data to the
EEPROM. When EWE is set to
²1², the user can write data to the EEPROM. Before writing data to the
EEPROM, this bit must be set to
²1².
Rev. 1.40
12
May 27, 2011
HT1382
I2C/3-Wire Real Time Clock



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com