Electronic Components Datasheet Search
  English  ▼

X  

HT1382 Datasheet(PDF) 15 Page - Holtek Semiconductor Inc

Part # HT1382
Description  I2C/3-Wire Real Time Clock
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT1382 Datasheet(HTML) 15 Page - Holtek Semiconductor Inc

Back Button HT1382 Datasheet HTML 11Page - Holtek Semiconductor Inc HT1382 Datasheet HTML 12Page - Holtek Semiconductor Inc HT1382 Datasheet HTML 13Page - Holtek Semiconductor Inc HT1382 Datasheet HTML 14Page - Holtek Semiconductor Inc HT1382 Datasheet HTML 15Page - Holtek Semiconductor Inc HT1382 Datasheet HTML 16Page - Holtek Semiconductor Inc HT1382 Datasheet HTML 17Page - Holtek Semiconductor Inc HT1382 Datasheet HTML 18Page - Holtek Semiconductor Inc HT1382 Datasheet HTML 19Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 29 page
background image
Interrupt Mode Enable Bit
- IME
This bit enables/disables the interrupt mode of the alarm function. When the IME bit is set to
²1², the
interrupt mode is enabled and when the IME bit is cleared to
²0², the interrupt mode is disabled and the
alarm operates in single mode.
Alarm Register
The addresses of alarm registers are 0Bh to 10h. The data is stored in the BCD format. The MSB of
each alarm register is an enable bit. (enable=
²1²). These enable bits specify which alarm registers are
used to make the comparison between the alarm registers and the RTC registers. There is no alarm byte
for year. When a compare match condition exists, the AI bit is set to
²1², and the IRQ pin is activated.
To clear an alarm, the AI bit must be cleared to
²0². If the ARE bit is set to ²1², the AI bit will
automatically be cleared when the status register is read.
There are two alarm operation modes: Single mode and Interrupt Mode.
Single mode: set the AE bit to
²1², the IME bit to ²0², and disable the frequency output. When the RTC
register values match the alarm registers values, the AI bit will be set to
²1² and the alarm condition
activates the IRQ pin. The IRQ pin will remain low until the AI bit is cleared to
²0².
Interrupt mode: set the AE bit to
²1², the IME bit to ²1², and disable the frequency output. When the
RTC registers values match the alarm registers values, the IRQ pin will be pulled low for 250ms and
the AI bit will be set to
²1². This mode allows for a repetitive or recurring alarm function. When the
alarm is set, the device will continue to activate an alarm for each match of the alarm and the present
time. For example, if only the seconds are set, it will activate an alarm every minute, if only the
minutes are set, it will activate an alarm every hour.
EEPROM User Data
The HT1382 provides 4 bytes EEPROM for user. The EEPROM will continue to operate in battery
backup mode. However, it should be noted that the I
2C/3-wire interface is disabled in battery backup
mode. User must detect the status of EB bit before reading data or writing data. If the EB bit is
²0²,itis
valid to read data or write data. If the EB bit is
²1², it is invalid to read data or write data.
HT1382
I2C/3-Wire Real Time Clock
Rev. 1.40
15
May 27, 2011



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com