Electronic Components Datasheet Search
  English  ▼

X  

HT1382 Datasheet(PDF) 17 Page - Holtek Semiconductor Inc

Part # HT1382
Description  I2C/3-Wire Real Time Clock
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT1382 Datasheet(HTML) 17 Page - Holtek Semiconductor Inc

Back Button HT1382 Datasheet HTML 13Page - Holtek Semiconductor Inc HT1382 Datasheet HTML 14Page - Holtek Semiconductor Inc HT1382 Datasheet HTML 15Page - Holtek Semiconductor Inc HT1382 Datasheet HTML 16Page - Holtek Semiconductor Inc HT1382 Datasheet HTML 17Page - Holtek Semiconductor Inc HT1382 Datasheet HTML 18Page - Holtek Semiconductor Inc HT1382 Datasheet HTML 19Page - Holtek Semiconductor Inc HT1382 Datasheet HTML 20Page - Holtek Semiconductor Inc HT1382 Datasheet HTML 21Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 29 page
background image
Acknowledge
Each bytes of eight bits is followed by one acknowledge bit. This acknowledge bit is a low level placed
on the bus by the receiver. The master generates an extra acknowledge related clock pulse. A slave
receiver which is addressed must generate an acknowledge (ACK) after the reception of each byte.
The acknowledging device must first pull down the SDA line during the acknowledge clock pulse so
that it remains LOW during the HIGH period of this clock pulse. A master receiver must signal an end
of data to the slave by generating a not-acknowledge (NACK) bit on the last byte that has been clocked
out of the slave. In this case, the master receiver must leave the data line HIGH during the 9th pulse to
not acknowledge. The master will generate a STOP or repeated START condition.
Device Addressing
The slave address byte is the first byte received following the START condition from the master
device. The first seven bits of the first byte make up the slave address. The eighth bit defines a read or
write operation to be performed. When this R/W bit is
²1², then a read operation is selected. A ²0²
selects a write operation. The device address bits are
²1101000². When an address byte is sent, the
device compares the first seven bits after the START condition. If they match, the device outputs an
acknowledge on the SDA line.
Write Operation
· Byte Write Operation
A byte write operation requires a START condition, a slave address with R/ bit, a valid Register
Address, the required Data and a STOP condition. After each of the three byte transfers, the device
responds with an ACK.
· Page Write Operation
Following a START condition and slave address, a R/ bit is placed on the bus which indicates to the
addressed device that a Register Address will follow which is to be written to the address pointer.
The data to be written to the memory follows next and the internal address pointer is incremented to
the next address location on the reception of an acknowledge clock. After reaching memory location
0Fh, the pointer will be reset to 00h.
Byte Write Sequence
HT1382
I2C/3-Wire Real Time Clock
Rev. 1.40
17
May 27, 2011
S
12
78
9
clk pulse for
acknowledgement
Data Output
By Transmitter
Data Output
By Receiver
SCL from
Master
acknowledge
not acknowledge
START
condition
110
1
0
0
0
R/W
MSB
LSB
The first byte after the START.
11 0 10 0 0 0
S
ACK
P
Slave Address
Write
Register Address(An)
Data(n)
ACK
ACK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com