Electronic Components Datasheet Search
  English  ▼

X  

HT1382 Datasheet(PDF) 19 Page - Holtek Semiconductor Inc

Part # HT1382
Description  I2C/3-Wire Real Time Clock
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT1382 Datasheet(HTML) 19 Page - Holtek Semiconductor Inc

Back Button HT1382 Datasheet HTML 15Page - Holtek Semiconductor Inc HT1382 Datasheet HTML 16Page - Holtek Semiconductor Inc HT1382 Datasheet HTML 17Page - Holtek Semiconductor Inc HT1382 Datasheet HTML 18Page - Holtek Semiconductor Inc HT1382 Datasheet HTML 19Page - Holtek Semiconductor Inc HT1382 Datasheet HTML 20Page - Holtek Semiconductor Inc HT1382 Datasheet HTML 21Page - Holtek Semiconductor Inc HT1382 Datasheet HTML 22Page - Holtek Semiconductor Inc HT1382 Datasheet HTML 23Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 29 page
background image
Data Input and Data Out
In writing a data byte, R/W is cleared to
²0² in the Command Byte and is then followed by the
corresponding data register address on the rising edge of the next eight SCLK. Additional SCLK
cycles are ignored. Data inputs are entered starting with bit 0. In reading data from the register, the
R/W is set to
²1² in the Command Byte. The data bits are output on the falling edge of the next eight
SCLK cycles. Note that the first data bit to be transmitted on the first falling edge after the last bit of the
read command byte is written. Additional SCLK cycles re-transmits the data bytes as long as CE
remains at high level. Data outputs are read starting with bit 0.
· Single Byte Transfer
· Burst Mode Transfer
HT1382
I2C/3-Wire Real Time Clock
Rev. 1.40
19
May 27, 2011
R / W
A 0
A 1 A 2
0
1
0
1
2
3
4
5
6
7
0
1
2
3
4
5
6
7
C o m m a n d B y t e
D a t a I / O
S C L K
I / O
C E
A 3 A 4
S C L K
I / O
0
1
D a t a B y t e 1 5
D a t a B y t e 0
R / W
0
1
2
3
4
5
6
7
1
1
1
1
1
0
7
0
7
C E
C o m m a n d B y t e



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com