Electronic Components Datasheet Search
  English  ▼

X  

HT1382 Datasheet(PDF) 10 Page - Holtek Semiconductor Inc

Part # HT1382
Description  I2C/3-Wire Real Time Clock
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT1382 Datasheet(HTML) 10 Page - Holtek Semiconductor Inc

Back Button HT1382 Datasheet HTML 6Page - Holtek Semiconductor Inc HT1382 Datasheet HTML 7Page - Holtek Semiconductor Inc HT1382 Datasheet HTML 8Page - Holtek Semiconductor Inc HT1382 Datasheet HTML 9Page - Holtek Semiconductor Inc HT1382 Datasheet HTML 10Page - Holtek Semiconductor Inc HT1382 Datasheet HTML 11Page - Holtek Semiconductor Inc HT1382 Datasheet HTML 12Page - Holtek Semiconductor Inc HT1382 Datasheet HTML 13Page - Holtek Semiconductor Inc HT1382 Datasheet HTML 14Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 29 page
background image
Clock Compensation
The device includes a digital trimming method for clock error correction due to temperature variations
of the crystal oscillator. This can be implemented as manufacturing calibration or user active
calibration. The crystal accuracy to temperature characteristic is similar to that shown in the diagram.
The Digital Trimming Register, DT, is used for clock compensation. Correction is performed once
every 10 seconds or 30 seconds. The minimum resolution is 3.052ppm or 1.017ppm and the device has
a correction in the range of
±192.276ppm or ±64.071ppm.
Set FO3~FO0=
²1010², the FOUT pin will have 1Hz clock pulse output. Measure the FOUT
frequency using a high-accuracy frequency counter with 7 or more digits. The correction value is
calculated using the formula shown below.
Correction value = integral value (
1Hz - (measured value)
minimum resolution (3.052ppm or 1.014ppm)
)
When clock compensation is used, set FO3~FO0=
²1010², and the FOUT pin will have 1Hz clock
pulse output. The cycle changes once in 10 seconds or in 30 seconds as shown below. In the diagram
²a² denotes a non-correctional cycle, and ²b² denotes a correctional cycle. Measure ²a² and ²b² using a
high-accuracy frequency counter of 7 or more digits. Calculate the average frequency based on the
measured result.
For DTS = 0, the average period = (a
´ 9+b) ¸ 10
For DTS = 1, the average period = (a
´ 29+b) ¸ 30
Rev. 1.40
10
May 27, 2011
HT1382
I2C/3-Wire Real Time Clock



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com