Electronic Components Datasheet Search
  English  ▼

X  

HT82V46 Datasheet(PDF) 7 Page - Holtek Semiconductor Inc

Part # HT82V46
Description  16-Bit, 45MSPS, 3-Channel CCD/CIS Analog Signal Processor
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT82V46 Datasheet(HTML) 7 Page - Holtek Semiconductor Inc

Back Button HT82V46 Datasheet HTML 3Page - Holtek Semiconductor Inc HT82V46 Datasheet HTML 4Page - Holtek Semiconductor Inc HT82V46 Datasheet HTML 5Page - Holtek Semiconductor Inc HT82V46 Datasheet HTML 6Page - Holtek Semiconductor Inc HT82V46 Datasheet HTML 7Page - Holtek Semiconductor Inc HT82V46 Datasheet HTML 8Page - Holtek Semiconductor Inc HT82V46 Datasheet HTML 9Page - Holtek Semiconductor Inc HT82V46 Datasheet HTML 10Page - Holtek Semiconductor Inc HT82V46 Datasheet HTML 11Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 27 page
background image
Rev. 1.10
7
November 24, 2011
HT82V46
edgeoftheCDS1inputsignal(C1S).Forinputsignals
thatdonotcontainareferencelevel(e.g.CISsensor
signals),non-CDSprocessingisused(CDS=0).In
thiscase,thevideolevelisprocessedwithrespectto
thevoltageonpinVRLC/VBIAS.TheVRLC/VBIAS
voltageissampledatthesametimeasCDS2samples
thevideolevelinthismode.In“WS”modetheinput
videosignalisalwayssampledonthe1strisingedge
ofADCKafterCDS2hasgonelow(VideoSample)
regardlessoftheoperatingmode.Ifinnon-CDSmode
(CDS=0)thevoltageontheVRLC/VBIASpinisalso
sampledatthispoint.InCDS-mode(CDS=1)the
positionofthereferencesample(C1S)canbevaried,
undercontroloftheCDSREF[1:0]registerbits,as
showninFigure11.
Line-by-Line Operation
Certainlinearsensorsgivecolouroutputonaline-
by-linebasis.i.e.afulllineofredpixelsfollowed
byalineofgreenpixelsfollowedbyalineofblue
pixels.Oftenthesensorwillhaveonlyasingleoutput
ontowhichtheseoutputsaretimemultiplexed.The
HT82V46canaccommodatethistypeofinputby
settingtheLNBYLNregisterbithigh.Wheninthis
modethegreenandblueinputPGAsaredisabled
tosavepower.Theanalogueinputsignalshould
beconnectedtotheVINRpin.Theoffsetandgain
valuesthatareappliedtotheRedinputchannelcan
beselected,byinternalmultiplexers,tocomefrom
theRed,GreenorBlueoffsetandgainregisters.
Thisallowsthegainandoffsetvaluesforeachof
theinputcolourstobesetupindividuallyatthestart
ofascan.WhenregisterbitACYC=0thegainand
offsetmultiplexersarecontrolledviatheINTM[1:0]
registerbits.WhenINTM=00theredoffsetandgain
controlregistersareusedtocontroltheRedinput
channel,INTM=01selectsthegreenoffsetandgain
registersandINTM=10selectstheblueoffsetand
gainregisterstocontroltheRedinputchannel.When
registerbitACYC=1,‘auto-cycling’isenabled,and
theinputchannelswitchestothenextoffsetandgain
registersinthesequencewhenapulseisappliedto
theCDS1inputpin.ThesequenceisRed→Green
→Blue→Red…offsetandgainregistersapplied
tothesingleinputchannel.AwritetotheAuto-cycle
resetregister(address05h)willresetthesequenceto
aknownstate(Redregistersselected).Whenauto-
cyclingisenabled,theCDS1pincannotbeusedto
controlresetlevelclamping.TheCLPCTLbitmaybe
usedinstead(enabledwhenhigh,disabledwhenlow).
Whenauto-cyclingisenabled,theCDS1pincannot
beusedforreferencesampling(i.e.CDSmustbeset
to0).
C2S
CLP
44
RLC
DAC
CIN
CDACPD
CDAC[3:0]
CDS
= 1
= 0
C1S (CDS = 1) or
C2S (CDS = 0)
Video Sample
Capacitor
Reference Sample
Capacitor
VRLC/VBIAS
VINR
Figure 1 CDS/non-CDS Input Configuration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com