Electronic Components Datasheet Search
  English  ▼

X  

HT82V46 Datasheet(PDF) 14 Page - Holtek Semiconductor Inc

Part # HT82V46
Description  16-Bit, 45MSPS, 3-Channel CCD/CIS Analog Signal Processor
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT82V46 Datasheet(HTML) 14 Page - Holtek Semiconductor Inc

Back Button HT82V46 Datasheet HTML 10Page - Holtek Semiconductor Inc HT82V46 Datasheet HTML 11Page - Holtek Semiconductor Inc HT82V46 Datasheet HTML 12Page - Holtek Semiconductor Inc HT82V46 Datasheet HTML 13Page - Holtek Semiconductor Inc HT82V46 Datasheet HTML 14Page - Holtek Semiconductor Inc HT82V46 Datasheet HTML 15Page - Holtek Semiconductor Inc HT82V46 Datasheet HTML 16Page - Holtek Semiconductor Inc HT82V46 Datasheet HTML 17Page - Holtek Semiconductor Inc HT82V46 Datasheet HTML 18Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 27 page
background image
Rev. 1.10
14
November 24, 2011
HT82V46
CDS1
CDS2
ADCK
Analog
Input
CLP
Dummy or Black pixel
unstable Ref. level
Video level
Figure 12 Line-Clamping RLC Operation (Non-CDS Only)
Summaries of the RLC Switch Control
Option
RLC control
Register Bit
WS
CLPCTL RLCEN ACYC LNBYLN
Input is DC coupled
and within supply
range
RLC is not enabled.
RLC switch is always open.
X
X
0
X
X
Input video signal
has a suitable
reference level
RLC switch is controlled by CDS1 pin.
CDS1=0/1 : switch is open/closed
0
0
1
X
X
Pixel reference level
not stable or need
to clamp the black
pixels of video period
CDS2 is normal, and CDS1 is used to indicate
black pixels location. RLC switch is controlled
by CDS1 and CDS2 logical combination.
CDS1 & CDS2=0/1: switch is open/closed
0
1
1
X
X
Using “WS” mode
CDS1 pin as RLC/ACYC pin, and the
reference sample clock is gated by the “WS”
internal timing generator, see Figure 11.
CLP is an internal clamp switch control signal.
CLP=0/1 : clamp switch open/closed
1
X
1
X
X
Using auto-cycling
in “WS” mode
CDS1 pin as auto-cycling control and can’t be
clamp control signal.
CLPCTL controls whether RLC is enabled or
not. CLPCTL=0/1 : RLC is disabled/ enabled;
see Figure 11.
1
0
X
1
1
1
Table 3 The Options for the Control of RLC Switch



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com