Electronic Components Datasheet Search
  English  ▼

X  

HT82V46 Datasheet(PDF) 16 Page - Holtek Semiconductor Inc

Part # HT82V46
Description  16-Bit, 45MSPS, 3-Channel CCD/CIS Analog Signal Processor
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT82V46 Datasheet(HTML) 16 Page - Holtek Semiconductor Inc

Back Button HT82V46 Datasheet HTML 12Page - Holtek Semiconductor Inc HT82V46 Datasheet HTML 13Page - Holtek Semiconductor Inc HT82V46 Datasheet HTML 14Page - Holtek Semiconductor Inc HT82V46 Datasheet HTML 15Page - Holtek Semiconductor Inc HT82V46 Datasheet HTML 16Page - Holtek Semiconductor Inc HT82V46 Datasheet HTML 17Page - Holtek Semiconductor Inc HT82V46 Datasheet HTML 18Page - Holtek Semiconductor Inc HT82V46 Datasheet HTML 19Page - Holtek Semiconductor Inc HT82V46 Datasheet HTML 20Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 27 page
background image
Rev. 1.10
16
November 24, 2011
HT82V46
8
9
+
DAC
Offset
RLC
DAC
260mV * (DAC[7:0]–127.5) / 127.5
0.66 + PGA[8:0] * 7.34 / 511
VIN
V1
CDS
Input
Sampling
Block
+
= 1
= 0
VRL
VRLC
CDACPD
+
-
+
V2
+
+
Offset
DAC
Block
PGA
Block
x
V3
+
ADC
Block
4
2
PGAFS[1:0]
= 0X : + 32768
= 10 : + 65535
= 11 : + 0
CDAC[3:0]
Output
Invert
Block
INVOD
= 0 : D2 = D1
= 1 : D2 = 65535– D1
D1
D2
OD[7:0]
VIN = VINR or VING or VINB
VRL = VIN sampled during Ref. clamp
VRLC = voltage applied to VRLC/VBIAS pin
Where
* 65535 / VFS
Figure 13 Overall Signal Flow
HB : High Byte; LB : Low Byte
HB
LB
HB
LB
WS = 0
HB
LB
HB
LB
HB
LB
HB
LB
HB
HB
HB
HB
HB
HB
HB
LB
HB
LB
HB
LB
WS = 1
HB
NB4
HB
HB
NB3
NB2
NB1
NB4
NB3
NB2
NB1
NB4
NB3
NB2
NB4~NB1 : Nibble (NB4 is the most significant)
ODFM[1:0] = X0
ODFM[1:0] = 01
ODFM[1:0] = X0
ODFM[1:0] = 01
ODFM[1:0] = 11
tOD
tOD
OD[7:0]
ADCK
OD[7:0]
OD[7:0]
OD[7:0]
OD[7:4]
Figure 14 Output Data Format



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com