Electronic Components Datasheet Search
  English  ▼

X  

HT82V46 Datasheet(PDF) 10 Page - Holtek Semiconductor Inc

Part # HT82V46
Description  16-Bit, 45MSPS, 3-Channel CCD/CIS Analog Signal Processor
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT82V46 Datasheet(HTML) 10 Page - Holtek Semiconductor Inc

Back Button HT82V46 Datasheet HTML 6Page - Holtek Semiconductor Inc HT82V46 Datasheet HTML 7Page - Holtek Semiconductor Inc HT82V46 Datasheet HTML 8Page - Holtek Semiconductor Inc HT82V46 Datasheet HTML 9Page - Holtek Semiconductor Inc HT82V46 Datasheet HTML 10Page - Holtek Semiconductor Inc HT82V46 Datasheet HTML 11Page - Holtek Semiconductor Inc HT82V46 Datasheet HTML 12Page - Holtek Semiconductor Inc HT82V46 Datasheet HTML 13Page - Holtek Semiconductor Inc HT82V46 Datasheet HTML 14Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 27 page
background image
Rev. 1.10
10
November 24, 2011
HT82V46
INTC2
CDS2
ADCK
C2DLY[2:0] = 000
C2POS = 1
C2DLY[2:0] = 001
C2DLY[2:0] = 111
INTC2
C2DLY[2:0] = 000
C2POS = 0
C2DLY[2:0] = 001
C2DLY[2:0] = 111
C2S
C2S
C2S
C2S
C2S
C2S
C2S
C2S
C2S
C2S
C2S
C2S
Figure 5 Internal CDS2 Pulses Generated by Programmable CDS2 Detect Circuit
ADCK : 45MHz
Mode
Timing REQ.
ADCK:CDS2
Sample Rate
(MSPS)
Register Bit
CDSREF[1:0] WS
MODE4 2CH 1CH CDS EN
MODE1:
3-CH Pixel-by-Pixel
2n:1, n ≥ 3
7.5
―
1
0
0
0
1
1
0
MODE2:
1-CH Line-by-Line
2n:1, n ≥ 3
7.5
―
0
1
1
0
MODE3:
1-CH Line-by-Line
3:1
22.5
00
0
0
1
0
MODE4:
1-CH Line-by-Line
2:1
22.5
―
1
0
0
0
Table 2 “WS” Operating Modes
Note: 1.In1-channelmode,SetupRegister3bits7:6CH[1:0]determinewhichinputistobesampled.
2.ForColourLine-by-Line,setRegisterBitLNBYLN.Forinputselection,refertoTable1,Colour
SelectionDescriptioninLine-by-Linemode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com