Electronic Components Datasheet Search
  English  ▼

X  

HT82V46 Datasheet(PDF) 17 Page - Holtek Semiconductor Inc

Part # HT82V46
Description  16-Bit, 45MSPS, 3-Channel CCD/CIS Analog Signal Processor
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT82V46 Datasheet(HTML) 17 Page - Holtek Semiconductor Inc

Back Button HT82V46 Datasheet HTML 13Page - Holtek Semiconductor Inc HT82V46 Datasheet HTML 14Page - Holtek Semiconductor Inc HT82V46 Datasheet HTML 15Page - Holtek Semiconductor Inc HT82V46 Datasheet HTML 16Page - Holtek Semiconductor Inc HT82V46 Datasheet HTML 17Page - Holtek Semiconductor Inc HT82V46 Datasheet HTML 18Page - Holtek Semiconductor Inc HT82V46 Datasheet HTML 19Page - Holtek Semiconductor Inc HT82V46 Datasheet HTML 20Page - Holtek Semiconductor Inc HT82V46 Datasheet HTML 21Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 27 page
background image
Rev. 1.10
17
November 24, 2011
HT82V46
Serial Control Interface
Theinternalcontrolregistersareprogrammableand
canberead-backviatheserialcontrolinterfaceand
pinOD[7]/SDO.
Register Write (A4=0)
SCK,SDIandSENareusedforregisterwriting.A
addressA[5:0]isclockedinthroughSDI,followedby
adatawordD[7:0].Eachbitislatchedontherising
edgeofSCK.Whenthedatahasbeenshiftedintothe
device,apulseisappliedtoSENtotransferthedata
totheappropriateinternalregister.
Register Read-back (A4=1 and D[7:0] is don’t Cared
at Register Write Cycle)
Read-backisinitiatedbyRegisterWriteasdescribed
abovebutwithA4setto1,followedbyan8-bit
dummy data word.Writing address (A5, 1,A3,
A2,A1,A0) will cause the contents D[7:0] of
correspondingregister(A5,1,A3,A2,A1,A0)tobe
outputD[7:0]onpinSDO/OD[7]atthefallingedge
ofSCK.SDO/OD[7]issharedpin,thereforeOEB
pinshouldalwaysbeheldlowandtheOPDregister
bitshouldbesetlowwhenregisterread-backdatais
expectedonthispin.Thenextwordmaybereadinto
SDIwhilethepreviouswordisstillbeingoutputon
SDO/OD[7]pin.
Note: Toensureallregistersaresettotheirdefault
valuesitisrecommendedthatasoftware-reset
iscarriedoutafterthepower-upsequence,
beforewritingtoanyotherregister.
A5
SCK
tSDIS
t SCK
t SDIH
A4
A[3:0]
D[7:0]
SDI
SEN
D7
D6
D[5:1]
D0
SDO/OD[7]
OD[7]
t CKFENR
tENFCKR
t ENFSD7
tCKFSD6
t CKFOD7
Register Write Cycle
OEB
Register Write: A4=0
Register read-back: A4=1 (D[7:0] don´t care at write cycle)
Figure 15 Serial Control Interface Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com