Electronic Components Datasheet Search
  English  ▼

X  

HT82V46 Datasheet(PDF) 24 Page - Holtek Semiconductor Inc

Part # HT82V46
Description  16-Bit, 45MSPS, 3-Channel CCD/CIS Analog Signal Processor
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT82V46 Datasheet(HTML) 24 Page - Holtek Semiconductor Inc

Back Button HT82V46 Datasheet HTML 19Page - Holtek Semiconductor Inc HT82V46 Datasheet HTML 20Page - Holtek Semiconductor Inc HT82V46 Datasheet HTML 21Page - Holtek Semiconductor Inc HT82V46 Datasheet HTML 22Page - Holtek Semiconductor Inc HT82V46 Datasheet HTML 23Page - Holtek Semiconductor Inc HT82V46 Datasheet HTML 24Page - Holtek Semiconductor Inc HT82V46 Datasheet HTML 25Page - Holtek Semiconductor Inc HT82V46 Datasheet HTML 26Page - Holtek Semiconductor Inc HT82V46 Datasheet HTML 27Page - Holtek Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 24 / 27 page
background image
Rev. 1.10
24
November 24, 2011
HT82V46
Package Information
Notethatthepackageinformationprovidedhereisforconsultationpurposesonly.Asthisinformationmaybe
updatedatregularintervalsusersareremindedtoconsulttheHoltekwebsite(http://www.holtek.com.tw/english/
literature/package.pdf)forthelatestversionofthepackageinformation.
28-pin SSOP (209mil) Outline Dimensions
&

#
"
)
*
+
,
.
+
/
0
=
-
MS-150
Symbol
Dimensions in inch
Min.
Nom.
Max.
A
0.291
―
0.323
B
0.197
―
0.220
C
0.009
―
0.013
C'
0.390
―
0.413
D
―
―
0.079
E
―
0.026
―
F
0.002
―
―
G
0.022
―
0.037
H
0.004
―
0.008
α
0°
―
8°
Symbol
Dimensions in mm
Min.
Nom.
Max.
A
7.40
―
8.20
B
5.00
―
5.60
C
0.22
―
0.33
C'
9.90
―
10.50
D
―
―
2.00
E
―
0.65
―
F
0.05
―
―
G
0.55
―
0.95
H
0.09
―
0.21
α
0°
―
8°



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com