Electronic Components Datasheet Search
  English  ▼

X  

HT82V46 Datasheet(PDF) 20 Page - Holtek Semiconductor Inc

Part # HT82V46
Description  16-Bit, 45MSPS, 3-Channel CCD/CIS Analog Signal Processor
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT82V46 Datasheet(HTML) 20 Page - Holtek Semiconductor Inc

Back Button HT82V46 Datasheet HTML 16Page - Holtek Semiconductor Inc HT82V46 Datasheet HTML 17Page - Holtek Semiconductor Inc HT82V46 Datasheet HTML 18Page - Holtek Semiconductor Inc HT82V46 Datasheet HTML 19Page - Holtek Semiconductor Inc HT82V46 Datasheet HTML 20Page - Holtek Semiconductor Inc HT82V46 Datasheet HTML 21Page - Holtek Semiconductor Inc HT82V46 Datasheet HTML 22Page - Holtek Semiconductor Inc HT82V46 Datasheet HTML 23Page - Holtek Semiconductor Inc HT82V46 Datasheet HTML 24Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 27 page
background image
Rev. 1.10
20
November 24, 2011
HT82V46
Register Bit No.
Name
POR.
Description
Setup
Register 2
1:0
ODFM[1:0]
0
Determines the output data format
X0= 8 bits multiplexed (8+8 bits)
01= 8 bits parallel (8-MSB only)
11= 4-bit multiplexed mode (4+4+4+4 bits). This mode is only valid
when WS=1.
2
INVOD
0
Digitally inverts the polarity of output data
3
OPD
0
Output disable. This works with the OEB pin to control the output pins.
0= Digital outputs enabled
1= Digital outputs high impedence
OEB
OPD
OD
0
0
Enabled
0
1
Hi-Z
1
0
Hi-Z
1
1
Hi-Z
4
LOWREF
0
Reduces the ADC reference range 2*(VRT – VRB), thus changing the
max/min input voltages.
0= ADC reference range=2V
1= ADC reference range=1.2V
5
CDACRNG
1
Sets the output range of the RLCDAC
0= RLCDAC ranges from 0 to AVDD
1= RLCDAC ranges from 0 to VRT
7:6
DLY[1:0]
00
Controls the latency from sample to data appearing on output pins
WS
= 0
= 1
= 1
Timing modes
All
1-2, 4-6
3
DLY=00
7T
16.5T
23.5T
DLY=01
8T
18.5T
26.5T
DLY=10
9T
20.5T
29.5T
DLY=11
10T
22.5T
31.5T
Where T=ADCK periods
Setup
register 3
3:0
CDAC[3:0]
1111 Controls RLCDAC driving VRLC/VBIAS pin to define ended signal
reference voltage or reset level clamp voltage.
―
5:4
CDSREF[1:0]
01
When WS=0 these register bit have no effect.
CDS mode timing adjust.
00= Advance reference sample by 1 ADCK period
01= Default reference sample position
10= Delay reference sample by 1 ADCK period
11= Delay reference sample by 2 ADCK period
―
7:6
CH[1:0]
00
When 1CH=0 these register bits have no effect.
Monochrome mode channel select.
00= Select red channel
01= Select green channel
10= Select blue channel
11= Reserved
Software
―
―
―
Write this register will causes all function to be reset.
It is recommended that a software reset be performed after a power
on before any other register writes.
Auto-cycle
reset
―
―
―
Write this register will causes the auto-cycle counter to reset to VINR.
This function is only required when LNBYLN=1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com