Electronic Components Datasheet Search
  English  ▼

X  

HT82V46 Datasheet(PDF) 22 Page - Holtek Semiconductor Inc

Part # HT82V46
Description  16-Bit, 45MSPS, 3-Channel CCD/CIS Analog Signal Processor
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT82V46 Datasheet(HTML) 22 Page - Holtek Semiconductor Inc

Back Button HT82V46 Datasheet HTML 18Page - Holtek Semiconductor Inc HT82V46 Datasheet HTML 19Page - Holtek Semiconductor Inc HT82V46 Datasheet HTML 20Page - Holtek Semiconductor Inc HT82V46 Datasheet HTML 21Page - Holtek Semiconductor Inc HT82V46 Datasheet HTML 22Page - Holtek Semiconductor Inc HT82V46 Datasheet HTML 23Page - Holtek Semiconductor Inc HT82V46 Datasheet HTML 24Page - Holtek Semiconductor Inc HT82V46 Datasheet HTML 25Page - Holtek Semiconductor Inc HT82V46 Datasheet HTML 26Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 27 page
background image
Rev. 1.10
22
November 24, 2011
HT82V46
Register Bit No.
Name
POR.
Description
Setup
register 6
0
C2DET
0
When WS=0 this register bit has no effect.
When WS=1.
0= Normal operation, signal on CDS2 input pin is applied directly to
timing control block.
1= Programmable CDS2 detect circuit is enabled. An internal
synchronization pulse is generated from signal applied to CDS2
input pin and is applied to timing control block on place of CDS2.
3:1
C2DLY[2:0]
000
When WS=0 or C2DET=0 these bits have no effect.
The C2DLY bits set a programmable delay from the detected edge of
the signal applied to the CDS2 pin. The internally generated pulse is
delayed by C2DLY ADCK periods from the detected edge.
4
C2POS
0
When WS=0 or C2DET=0 this bit has no effect
When WS=1 and C2DET=1 this bit controls whether positive or
negative edges on the CDS2 input pin are detected.
0= Negative edge on CDS2 pin is detected and used to generate
internal timing pulse.
1= Positive edge on CDS2 pin is detected and used to generate
internal timing pulse.
5
RLCEN
1
Reset level clamping enable. When set RLCEN is enabled. The
method of clamping is determined by CLPCTL and WS.
In “WS” mode clamping will still occur on every pixel at a time defined
by the CDSREF[1:0] bits.
6
CLPCTL
0
This bit has no effect if WS=1. See Table 3 for more information.
0= RLC switch is controlled directly from CDS1 input pin.
CDS1= 0: switch is open
CDS1= 1: switch is close
1= RLC switch is controlled by logical combination of CDS1 and
CDS2.
CDS1 & CDS2=0 : switch is open.
CDS1 & CDS2=1 : switch is close.
7
Reserved
0
Must be set to 0.
ID
7:4
Reserved
0
Must be set to 0.
3:0
ID[3:0]
0000
ID[3:0] these bits are storable and can be written from 0000 to 1111
values. But note that ID[3:0] will be cleared to 0000 after Power-On-
Reset.
DAC value
(Red)
7:0
DACR[7:0]
0
Red channel 8-bit offset DAC MSB value.
DAC value
(Green)
7:0
DACG[7:0]
0
Green channel 8-bit offset DAC MSB value.
DAC value
(Blue)
7:0
DACB[7:0]
0
Blue channel 8-bit offset DAC MSB value.
DAC value
(RGB)
7:0
DAC[7:0]
0
Write to this register will cause the R, G and B offset DAC MSB
registers to be overwritten by the new value.
PGA gain
(Red)
0
PGAR[0]
0
This register bit forms the LSB of the red channel PGA gain code.
PGA gain is determined by combining this register bit and the 8 MSBs
contained in register address 28 hex.
PGA gain
(Green)
0
PGAG[0]
0
This register bit forms the LSB of the green channel PGA gain code.
PGA gain is determined by combining this register bit and the 8 MSBs
contained in register address 29 hex.
PGA gain
(Blue)
0
PGAB[0]
0
This register bit forms the LSB of the blue channel PGA gain code.
PGA gain is determined by combining this register bit and the 8 MSBs
contained in register address 2A hex.
PGA gain
(RGB)
0
PGA[0]
0
Writing a value to this location causes red, green and blue PGA LSB
gain values to be overwritten by the new value.
PGA gain
(Red)
7:0
PGAR[8:1]
0D
Red PGA gain setting register. 0.66+PGAR[8:0]*7.34/511
PGA gain
(Green)
7:0
PGAG[8:1]
0D
Green PGA gain setting register. 0.66+PGAG[8:0]*7.34/511



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com