Electronic Components Datasheet Search
  English  ▼

X  

HT82V46 Datasheet(PDF) 4 Page - Holtek Semiconductor Inc

Part # HT82V46
Description  16-Bit, 45MSPS, 3-Channel CCD/CIS Analog Signal Processor
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT82V46 Datasheet(HTML) 4 Page - Holtek Semiconductor Inc

  HT82V46 Datasheet HTML 1Page - Holtek Semiconductor Inc HT82V46 Datasheet HTML 2Page - Holtek Semiconductor Inc HT82V46 Datasheet HTML 3Page - Holtek Semiconductor Inc HT82V46 Datasheet HTML 4Page - Holtek Semiconductor Inc HT82V46 Datasheet HTML 5Page - Holtek Semiconductor Inc HT82V46 Datasheet HTML 6Page - Holtek Semiconductor Inc HT82V46 Datasheet HTML 7Page - Holtek Semiconductor Inc HT82V46 Datasheet HTML 8Page - Holtek Semiconductor Inc HT82V46 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 27 page
background image
Rev. 1.10
4
November 24, 2011
HT82V46
A.C. Characteristics
AVDD=DVDD=3.3V, AVSS=DVSS=0V, Ta=25°C, 3-channel mode, ADCK=45MHz unless otherwise stated.
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
Overall system specification (including 16-bit ADC, PGA, Offset and CDS functions)
Maximum Conversion Rate
―
―
45
―
MSPS
Full-scale Input Voltage Range
(See Note 1)
LOWREF= 0,
GMAX=7.5 typ.
―
0.25
―
VP-P
LOWREF= 0,
GMIN=0.65 typ.
3.03
VP-P
Full-scale Input Voltage Range
(See Note 1)
LOWREF= 0,
GMAX=7.5 typ.
―
0.15
―
VP-P
LOWREF= 0,
GMIN=0.65 typ.
1.82
VP-P
VIN
Input Signal Limits (See Note 2)
―
AVSS-0.3
―
AVDD+0.3
V
Full-scale Transition Error
Gain=0dB;
PGA[8:0]=1A(hex)
―
30
―
mV
Zero-scale Transition Error
Gain=0dB;
PGA[8:0]=1A(hex)
―
30
―
mV
DNL
Differential Non-linearity
―
―
2
―
LSB
INL
Integral Non-linearity
―
―
50
―
LSB
Channel to Channel Gain Matching
―
―
1.5
―
%
Total Output Noise
Min Gain
―
30
―
LSB rms
Max Gain
300
LSB rms
References
VRT
Upper Reference Voltage
LOWREF=0
1.95
2.05
2.25
V
LOWREF=1
1.85
V
VRB
Lower Reference Voltage
LOWREF=0
0.95
1.05
1.25
V
LOWREF=1
1.25
V
CML
Input Return Bias Voltage
―
―
1.5
―
V
VRTB
Diff. Reference Voltage
(VRT - VRB)
LOWREF=0
0.90
1.0
1.10
V
LOWREF=1
0.6
V
RLC DAC (Reset-Level Clamp D/A Converter)
Resolution
―
―
4
―
bits
VCSTEP
Step Size
CDACRNG=0
―
0.173
―
V/step
CDACRNG=1
0.110
V/step
VCBOT
Output Voltage at Code 0h
CDACRNG=0
―
0.4
―
V
CDACRNG=1
0.4
V
VCTOP
Output Voltage at Code Fh
CDACRNG=0
―
3.00
―
V
CDACRNG=1
2.05
V
DNL
Differential Non-linearity
―
-0.5
―
+0.5
LSB
INL
Integral Non-linearity
―
―
+/-1
―
LSB
Offset DAC
Resolution
―
―
8
―
bits
Step Size
―
―
2.04
―
mV/step
Output Voltage
Code 00(hex)
―
-260
―
mV
Code FF(hex)
+260
mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com