Electronic Components Datasheet Search
  English  ▼

X  

HT16528 Datasheet(PDF) 6 Page - Holtek Semiconductor Inc

Part # HT16528
Description  Dot Character VFD Controller & Driver
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT16528 Datasheet(HTML) 6 Page - Holtek Semiconductor Inc

Back Button HT16528 Datasheet HTML 2Page - Holtek Semiconductor Inc HT16528 Datasheet HTML 3Page - Holtek Semiconductor Inc HT16528 Datasheet HTML 4Page - Holtek Semiconductor Inc HT16528 Datasheet HTML 5Page - Holtek Semiconductor Inc HT16528 Datasheet HTML 6Page - Holtek Semiconductor Inc HT16528 Datasheet HTML 7Page - Holtek Semiconductor Inc HT16528 Datasheet HTML 8Page - Holtek Semiconductor Inc HT16528 Datasheet HTML 9Page - Holtek Semiconductor Inc HT16528 Datasheet HTML 10Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 40 page
background image
Table1-4.TheNumberOfSegmentPins2
No.
Name
No.
Name
No.
Name
No.
Name
1
VH
37
NC
73
S6
109
NC
2
PGND
38
S40
74
S5
110
S71
3
VDD
39
S39
75
S4
111
S72
4
XOUT
40
S38
76
S3
112
S73
5
OSC
41
S37
77
S2
113
S74
6
OSCI
42
S36
78
S1
114
S75
7
RESET
43
S35
79
S41
115
S76
8
TESTI
44
S34
80
S42
116
S77
9
DLS
45
S33
81
S43
117
S78
10
DS1
46
S32
82
S44
118
S79
11
DS0
47
S31
83
S45
119
S80
12
R,W(WR)
48
S30
84
S46
120
G24
13
RS, ST
49
S29
85
S47
121
G23
14
E(RD), SCK
50
S28
86
S48
122
G22
15
SI,SO
51
S27
87
S49
123
G21
16
DB0
52
S26
88
S50
124
G20
17
DB1
53
S25
89
S51
125
G19
18
DB2
54
S24
90
S52
126
G18
19
DB3
55
S23
91
S53
127
G17
20
DB4
56
S22
92
S54
128
G16
21
DB5
57
S21
93
S55
129
G15
22
DB6
58
S20
94
S56
130
G14
23
DB7
59
S19
95
S57
131
G13
24
IM
60
S18
96
S58
132
G12
25
MPU
61
S17
97
S59
133
G11
26
CS
62
S16
98
S60
134
G10
27
RL1
63
S15
99
S61
135
G9
28
RL2
64
S14
100
S62
136
G8
29
CL
65
S13
101
S63
137
G7
30
LE
66
S12
102
S64
138
G6
31
SDO
67
S11
103
S65
139
G5
32
SLK
68
S10
104
S66
140
G4
33
TESTO
69
S9
105
S67
141
G3
34
LGND
70
S8
106
S68
142
G2
35
PGND
71
S7
107
S69
143
G1
36
VH
72
NC
108
S70
144
NC
HT16528
Rev.1.10
6
July5,2011



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com