Electronic Components Datasheet Search
  English  ▼

X  

HT16528 Datasheet(PDF) 33 Page - Holtek Semiconductor Inc

Part # HT16528
Description  Dot Character VFD Controller & Driver
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT16528 Datasheet(HTML) 33 Page - Holtek Semiconductor Inc

Back Button HT16528 Datasheet HTML 29Page - Holtek Semiconductor Inc HT16528 Datasheet HTML 30Page - Holtek Semiconductor Inc HT16528 Datasheet HTML 31Page - Holtek Semiconductor Inc HT16528 Datasheet HTML 32Page - Holtek Semiconductor Inc HT16528 Datasheet HTML 33Page - Holtek Semiconductor Inc HT16528 Datasheet HTML 34Page - Holtek Semiconductor Inc HT16528 Datasheet HTML 35Page - Holtek Semiconductor Inc HT16528 Datasheet HTML 36Page - Holtek Semiconductor Inc HT16528 Datasheet HTML 37Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 40 page
background image
DisplayON/OFF
RS
R,W
DB7
DB6
DB5
DB4
DB3
DB2
DB1
DB0
Code
0
0
0
0
0
0
1
D
C
B
This instruction selects whether the display and cursor are on or off and selects whether or not the character at the cur-
rentcursorpositionblinks.The DDRAM, CGRAM,andcursorpositionarenotaffectedbythisinstruction.
· D=0:Thedisplayisoff(displayblank).
· D=1:Thedisplayison(contentsofthe DDRAM isdisplayed).
· C=0:Thecursorisoff.
· C=1:Thecursorison(8throwsofpixels).
· B=0:Theblinkingcharacterfunctionisdisabled.
· B=1:Theblinkingcharacterfunctionisenabled
Note:
A character with all pixels on will alternate with the character displayed at the current cursor position at a 1Hz
ratewitha50%dutycycle.
Whenresetting
CursororDisplayShift
RS
R,W
DB7
DB6
DB5
DB4
DB3
DB2
DB1
DB0
Code
0
0
0
0
0
1
S/C
R/L
X
X
Note:
²x² don¢tcare
This instruction shifts the display and/or moves the cursor to the left or right, without reading or writing to the DDRAM.
²S/C² bitselectsmovementofthecursorormovementofbothcursoranddisplay.
· S/C=1:Shiftbothcursoranddisplay.
· S/C=0:Shiftonlythecursor.
²R/L² bitselectswhethermovingthedirectiontotheleftorrightofthedisplayand/orcursor.
· R/L=1:Shiftonecharacterright.
· R/L=0:Shiftonecharacterleft.
CursororDisplayShift
S/C
R/L
CursorPosition
InformationontheDisplay
0
0
Decrementsbyone(left)
Nochange
0
1
Incrementsbyone(right)
Nochange
1
0
Decrementsbyone(left)
Shiftsoncharacterpositiontotheleft
1
1
Incrementsbyone(right)
Shiftsoncharacterpositiontotheright
FunctionSet
RS
R,W
DB7
DB6
DB5
DB4
DB3
DB2
DB1
DB0
Code
0
0
0
0
1
DL
N
X
BR1
BR0
Note:
²x² don¢tcare
This instruction sets the width of the data bus for the parallel interface modes, the number of display lines, and the lumi-
nancelevel(brightness)oftheVFD. DDRAM, CGRAM,andcursorpositionarenotaffectedbythisinstruction.
· DL=0:Setsthedatabuswidthfortheparallelinterfacemodesto4-bit(DB7~DB4).
· DL=1:Setsthedatabuswidthfortheparallelinterfacemodesto8-bit(DB7~DB0).
· N=0:Setsthenumberofdisplaylinesto1(thissettingisnotrecommended,usingsegmentoutputS1~S40,
S41~S80fixedtoLowlevel).
· N=1:Setsthenumberofdisplaylinesto2(usingsegmentoutputS1~S80).
HT16528
Rev.1.10
33
July5,2011



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com