| Electronic Components Datasheet Search |
|
HT16528 Datasheet(PDF) 29 Page - Holtek Semiconductor Inc |
|
|
|||||||||||||||||||||||||||||
HT16528 Datasheet(HTML) 29 Page - Holtek Semiconductor Inc |
|
29 / 40 page ![]() Parallelmodefori80(IM=1, MPU=0) When setting ²IM=1, MPU=0², i80 is selected. In the HT16528, each time data is sent from the MPU, a type of pipeline processbetween LSIs isperformedthroughthebusholderattachedtointernaldatabus. 8-bit or 4-bit mode can be selected for i80 interface. However, the internal registers consist of 8 bits. DB4 to DB7 must be used twice for performing data transfer in 4-bit mode. When using 4-bit parallel data transfer, DB0 to DB3 pins re- main Hi or Low. The transfer order is started from the higher 4 bits (D4 to D7) then followed by the lower 4 bits (D0 to D3). There is a certain restriction in the read sequence of this display data RAM. Please be advised that data of the specified address is not generated by the read instruction issued immediately after the address setup. This data is generated in data read for the second time. Thus, a dummy read is required whenever the address setup or write cycle operation is selected.Thisrelationshipisshowninthefollowingfigure. · 4-bitdatatransfer(i80) · 8-bitdatatransfer(i80) HT16528 Rev.1.10 29 July5,2011 IR7 IR6 IR1 IR0 DB7 DB6 DB1 DB0 IR7 IR6 IR1 IR0 IR1 IR0 IR6 D7 D6 D1 D0 D7 D6 D1 D0 D7 D6 D1 D0 RD WR RS Instruction Write Instruction Write Instruction Read Read Dummy data Read Data Write Data BF=0 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |