Electronic Components Datasheet Search
  English  ▼

X  

HT16528 Datasheet(PDF) 18 Page - Holtek Semiconductor Inc

Part # HT16528
Description  Dot Character VFD Controller & Driver
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT16528 Datasheet(HTML) 18 Page - Holtek Semiconductor Inc

Back Button HT16528 Datasheet HTML 14Page - Holtek Semiconductor Inc HT16528 Datasheet HTML 15Page - Holtek Semiconductor Inc HT16528 Datasheet HTML 16Page - Holtek Semiconductor Inc HT16528 Datasheet HTML 17Page - Holtek Semiconductor Inc HT16528 Datasheet HTML 18Page - Holtek Semiconductor Inc HT16528 Datasheet HTML 19Page - Holtek Semiconductor Inc HT16528 Datasheet HTML 20Page - Holtek Semiconductor Inc HT16528 Datasheet HTML 21Page - Holtek Semiconductor Inc HT16528 Datasheet HTML 22Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 40 page
background image
Symbol
Parameter
TestConditions
Min.
Typ.
Max.
Unit
VDD
Conditions
tODH
OutputDataHoldTime
4.5V~5.5V
SCK
­ ® Data
5
¾
¾
ns
2.7V~4.5V
5
¾
¾
ns
tWRE
ResetPulseWidth
4.5V~5.5V
¾
500
¾
¾
ns
2.7V~4.5V
500
¾
¾
ns
SerialMode(Input)
Note:
Theinputrisetimeandfalltime(tR, tF)isspecifiedat15nsorless.
Alltimingisspecifiedusing20%and80%of VDD asthereference.
SerialMode(Output)
ACMeasurementPoint
HT16528
Rev.1.10
18
July5,2011
t H S T B K
t C Y K
t W H K
t W L K
t D S
t D H
S T
S C K
S I
t D K S T B
t W S T B
t H S T B K
t C Y K
t W H K
t W L K
t O D O
t O D H
S T
S C K
t D K S T B
t W S T B
S O
t W R E
V I H
V O H
V I L
V O L
I n p u t
O u t p u t
R e s e t
R E S E T



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com