Electronic Components Datasheet Search
  English  ▼

X  

HT16528 Datasheet(PDF) 35 Page - Holtek Semiconductor Inc

Part # HT16528
Description  Dot Character VFD Controller & Driver
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT16528 Datasheet(HTML) 35 Page - Holtek Semiconductor Inc

Back Button HT16528 Datasheet HTML 31Page - Holtek Semiconductor Inc HT16528 Datasheet HTML 32Page - Holtek Semiconductor Inc HT16528 Datasheet HTML 33Page - Holtek Semiconductor Inc HT16528 Datasheet HTML 34Page - Holtek Semiconductor Inc HT16528 Datasheet HTML 35Page - Holtek Semiconductor Inc HT16528 Datasheet HTML 36Page - Holtek Semiconductor Inc HT16528 Datasheet HTML 37Page - Holtek Semiconductor Inc HT16528 Datasheet HTML 38Page - Holtek Semiconductor Inc HT16528 Datasheet HTML 39Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 40 page
background image
DDRAM AddressSet
This instruction places the 7-bit DDRAM address specified by DB6~DB0 into the cursor position. Subsequent data
writes(reads)willbeto(from)the DDRAM.The DDRAM and CGRAM contentsarenotaffectedbythisinstruction.
Valid DDRAM AddressRanges
NumberofCharacter
AddressRange
1stline
40
00H~27H
2ndline
40
40H~67H
Whenresetting:Don
¢tcare.
ReadBusyFlagandAddress
This instruction reads the Busy Flag (BF)* and the value of address counter in binary
²AAAAAAA². This address coun-
ter is used by the CGRAM and DDRAM addresses, its value is determined by the previous instruction. The address
countercontentsarethesameasforinstructions
²CGRAM addressset² and ²DDRAM addressset².
Note:
²*² meanstheBusyFlag(BF)alwaysoutputsa ²0².
WriteDatatothe CGRAM or DDRAM
This instruction writes the 8-bit data byte on DB7~DB0 into the DDRAM or CGRAM location addressed by the cursor
position. The most recent DDRAM or CGRAM Address Set instruction determines whether the write is to the DDRAM
or CGRAM. This instruction also increments or decrements the cursor position and shifts the display according to the
I/DandSbitssetbytheEntryModeSetinstruction.
ReadDatafrom CGRAM or DDRAM
This instruction reads the 8-bit data byte from the DDRAM or CGRAM location addressed by the cursor position on
DB7~DB0. The most recent DDRAM or CGRAM Address Set instruction determines whether the read is from the
DDRAM or CGRAM. This instruction also increments or decrements the cursor position and shifts the display accord-
ing to the I/D and S bits set by the Entry Mode Set instruction. Before sending this instruction, a DDRAM or CGRAM Ad-
dress Set instruction should be executed to set the cursor position to the desired DDRAM or CGRAM address to be
read.
After reading one data, the value of the address is automatically increased or decreased by 1 according to the selection
by
²Entrymode².
Note:
The Address counter is automatically increased or decreased by 1 after a data write instruction to the CGRAM
or DDRAM are executed. But at this moment the data to be pointed to by the address counter cannot be read if
a data read instruction is executed. Therefore, to read data correctly, executing an address set instruction or
cursor shift instruction (the only case of a DDRAM data read) just before reading, or reading the second data in
caseofreadingdatacontinuouslybyexecutingareaddatainstruction.
HT16528
Rev.1.10
35
July5,2011



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com