Electronic Components Datasheet Search
  English  ▼

X  

HT16528 Datasheet(PDF) 17 Page - Holtek Semiconductor Inc

Part # HT16528
Description  Dot Character VFD Controller & Driver
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT16528 Datasheet(HTML) 17 Page - Holtek Semiconductor Inc

Back Button HT16528 Datasheet HTML 13Page - Holtek Semiconductor Inc HT16528 Datasheet HTML 14Page - Holtek Semiconductor Inc HT16528 Datasheet HTML 15Page - Holtek Semiconductor Inc HT16528 Datasheet HTML 16Page - Holtek Semiconductor Inc HT16528 Datasheet HTML 17Page - Holtek Semiconductor Inc HT16528 Datasheet HTML 18Page - Holtek Semiconductor Inc HT16528 Datasheet HTML 19Page - Holtek Semiconductor Inc HT16528 Datasheet HTML 20Page - Holtek Semiconductor Inc HT16528 Datasheet HTML 21Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 40 page
background image
ParallelMode(i80)
Note:
Theinputsignalrisingtimeandfallingtime(tf,tr)isspecifiedat15nsorless.
Alltimingisspecifiedusing20%and80%of VDD asthereference.
tCCLW and tCCLR arespecifiedastheoverlapbetween CS asL and WR and RD attheL level.
TimingConditions3forSerialMode
Ta=25
°C
Symbol
Parameter
TestConditions
Min.
Typ.
Max.
Unit
VDD
Conditions
tCYK
ShiftClockCycle
4.5V~5.5V
SCK
500
¾
¾
ns
2.7V~4.5V
1000
¾
¾
ns
tWHK
High-level Shift Clock Pulse
Width
4.5V~5.5V
SCK
200
¾
¾
ns
2.7V~4.5V
300
¾
¾
ns
tWLK
Low-level Shift Clock Pulse
Width
4.5V~5.5V
SCK
200
¾
¾
ns
2.7V~4.5V
300
¾
¾
ns
tHSTBK
ShiftClockHoldTime
4.5V~5.5V
STD
¯ ® SCK¯
100
¾
¾
ns
2.7V~4.5V
150
¾
¾
ns
tDS
DataSetupTime
4.5V~5.5V
Data
® SCK­
100
¾
¾
ns
2.7V~4.5V
150
¾
¾
ns
tDK
DataHoldTime
4.5V~5.5V
SCK
­ ® Data
100
¾
¾
ns
2.7V~4.5V
150
¾
¾
ns
tDKSTB
ST HoldTime
4.5V~5.5V
SCK
­ ® ST­
500
¾
¾
ns
2.7V~4.5V
750
¾
¾
ns
tWSTB
ST PulseWidth
4.5V~5.5V
¾
500
¾
¾
ns
2.7V~4.5V
750
¾
¾
ns
tWAIT
WaitTime
4.5V~5.5V
8th CLK
­ ® 1st CLK¯
1
¾
¾
ms
2.7V~4.5V
1
¾
¾
ms
tODO
OutputDataDelayTime
4.5V~5.5V
ST
¯ ® Data
¾
¾
150
ns
2.7V~4.5V
¾
¾
300
ns
HT16528
Rev.1.10
17
July5,2011
R S
C S
W R , R D
D B 0 ~ D B 7
( W r i t e )
D B 0 ~ D B 7
( R e a d )
t f
t r
t R H 8
t C Y C 8
t R S 8
t C C L R , t C C L W
t D S 8
t A C C 8
t O H 8
t D H 8
t C C H R , t C C H W
t f



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com