Electronic Components Datasheet Search
  English  ▼

X  

HT16528 Datasheet(PDF) 31 Page - Holtek Semiconductor Inc

Part # HT16528
Description  Dot Character VFD Controller & Driver
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT16528 Datasheet(HTML) 31 Page - Holtek Semiconductor Inc

Back Button HT16528 Datasheet HTML 27Page - Holtek Semiconductor Inc HT16528 Datasheet HTML 28Page - Holtek Semiconductor Inc HT16528 Datasheet HTML 29Page - Holtek Semiconductor Inc HT16528 Datasheet HTML 30Page - Holtek Semiconductor Inc HT16528 Datasheet HTML 31Page - Holtek Semiconductor Inc HT16528 Datasheet HTML 32Page - Holtek Semiconductor Inc HT16528 Datasheet HTML 33Page - Holtek Semiconductor Inc HT16528 Datasheet HTML 34Page - Holtek Semiconductor Inc HT16528 Datasheet HTML 35Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 40 page
background image
Commands
Instruction
RS
R,W DB7
DB6
DB5
DB4
DB3
DB2
DB1
DB0
Description
Cleardisplay
0
0
0
0
0
0
0
0
0
1
Clearalldisplay,and
sets the DDRAM ad-
dressat00H.
Cursorhome
0
0
0
0
0
0
0
0
1
x
Sets the DDRAM ad-
dress at 00H. Also re-
turns the display shifted
to the original position.
The DDRAM contents
remainunchanged.
Entrymodeset
0
0
0
0
0
0
0
1
I/D
S
Sets the cursor direction
and specifies the display
shift. These operations
areperformedduring
writing/readingdata.
DisplayOn/Off
0
0
0
0
0
0
1
D
C
B
Setsalldisplay
ON/OFF(D),cursor
ON/OFF(C),cursor
blinkofcharacter
position(B).
Cursor or display shift
0
0
0
0
0
1
S/C
R/L
x
x
Shiftsdisplayorcursor,
w h i l e
k e e p i n g
t h e
DDRAM contents.
Function
0
0
0
0
1
DL
N
x
BR1
BR0
Setsdatalength
(in parallel data transfer)
andNumberofline
CGRAM addressset
0
0
0
1
ACG
Sets the address of the
CGRAM. After that, data
of the DDRAM is trans-
ferred.
DDRAM addressset
0
0
1
ADD
Sets the address of the
DDRAM. After that, data
of the DDRAM is trans-
ferred.
Readbusyflag&
address
0
1
BF=0
ACC
Reads the busy flag (BF)
and the address counter.
BF is output as
²0² al-
ways.
Write data to CGRAM
or DDRAM
1
0
Writedata
Writes data into the
CGRAM ofthe DDRAM.
Readdatafrom
CGRAM or DDRAM
1
1
Read DR data
Reads data from the
CGRAM or DDRAM.
Note:
I/D=1:Increment,I/D=0:Decrement
S=1:Displayshiftenable,S=0:Cursorshiftenable
S/C=1:Displayshift,S/C=0:Cursorshift
R/L=1:Rightshift,R/L=0:Leftshift
DL=1:8bit,DL=0:4bit
BR1,BR0=(00:100%),(01:75%),(10:50%),(11:25%)
²X²:Don¢tcare
ACG: CGRAM address
ADD: DDRAM address
ACC:Addresscounter
DDRAM:DisplayDataRAM
CGRAM:CharacterGeneratorRAM
HT16528
Rev.1.10
31
July5,2011



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com