Electronic Components Datasheet Search
  English  ▼

X  

HT16528 Datasheet(PDF) 20 Page - Holtek Semiconductor Inc

Part # HT16528
Description  Dot Character VFD Controller & Driver
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT16528 Datasheet(HTML) 20 Page - Holtek Semiconductor Inc

Back Button HT16528 Datasheet HTML 16Page - Holtek Semiconductor Inc HT16528 Datasheet HTML 17Page - Holtek Semiconductor Inc HT16528 Datasheet HTML 18Page - Holtek Semiconductor Inc HT16528 Datasheet HTML 19Page - Holtek Semiconductor Inc HT16528 Datasheet HTML 20Page - Holtek Semiconductor Inc HT16528 Datasheet HTML 21Page - Holtek Semiconductor Inc HT16528 Datasheet HTML 22Page - Holtek Semiconductor Inc HT16528 Datasheet HTML 23Page - Holtek Semiconductor Inc HT16528 Datasheet HTML 24Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 40 page
background image
FunctionalDescription
CPUInterface
HT16528have4or8-bitparallelinterfaceorserialinterface.ThesemodesareselectedbyIMpin.
· IM=
²0²:Serialmode
· IM=
²1²:Parallelmode
CPUInterfaceTable
IM
CS
RS, ST
E(RD), SCK
R,W(WR)
MPU
SI,SO
DB0~DB7
0
CS
ST
SCK
Note
Note
SI,SO
Note
1
CS
RS
E(RD)
R,W(WR)
MPU
Note
DB0~DB7
Note:KeepthispinHiorLo.
Registers(IR, DR)
The HT16528 has two 8-bit registers, namely, an instruction register (IR) and a data register (DR). The IR register
stores instruction code such as display clear and cursor shift. It also contains address information for display data RAM
(DDRAM) and character generator RAM (CGRAM). The IR can only be written from the MPU. The DR temporarily
stores data to be written into or read from the DDRAM or CGRAM. Data written into the DR from the MPU is automati-
cally written into the DDRAM or CGRAM by internal operation. The DR is also used for data storage when reading data
from the DDRAM or CGRAM. When the address information is written into the IR, data is read and then stored into the
DR from the DDRAM or CGRAM by internal operation. Data transfer between the MPU is completed when the MPU
reads the DR. After the read, data in DDRAM or CGRAM at the next address is sent to the DR for the next read from the
MPU.Thesetworegisterscanbeselectedbytheregisterselector(RS)signal,(RefertoCPUInterfacetable).
Registers(IR, DR)Table
Common
M68
i80
RegisterSelection
RS
R,W
RD
WR
0
0
1
0
WriteIRdataduringinternaloperation(displayclear,etc.)
0
1
0
1
Readdatatobebusyflag(DB7)andaddresscounter(DB6~DB0)
1
0
1
0
Write DR data(DR
®DDRAM, CGRAM)
1
1
0
1
Read DR data(DDRAM, CGRAM
®DR)
BusyFlag(ReadBFFlag)
Busyflagdata(DB7)isalwaysoutputas
²0².
AddressCounter(AC)
The Address counter (AC) assigns address to both DDRAM and CGRAM. When an instruction address is written into
theIR,theaddressinformationissentfromtheIRtotheAC.
Selection of either DDRAM or CGRAM is also determined concurrently by the instruction. After writing into (or read
from) the DDRAM or CGRAM, the AC is automatically incremented by 1 (or decremented by 1). The cursor position are
thenoutputtoDB0~DB6whenRS=0andR,W=1(RefertoRegisters(IR, DR)Table).
HT16528
Rev.1.10
20
July5,2011



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com