Electronic Components Datasheet Search
  English  ▼

X  

HT16528 Datasheet(PDF) 37 Page - Holtek Semiconductor Inc

Part # HT16528
Description  Dot Character VFD Controller & Driver
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT16528 Datasheet(HTML) 37 Page - Holtek Semiconductor Inc

Back Button HT16528 Datasheet HTML 32Page - Holtek Semiconductor Inc HT16528 Datasheet HTML 33Page - Holtek Semiconductor Inc HT16528 Datasheet HTML 34Page - Holtek Semiconductor Inc HT16528 Datasheet HTML 35Page - Holtek Semiconductor Inc HT16528 Datasheet HTML 36Page - Holtek Semiconductor Inc HT16528 Datasheet HTML 37Page - Holtek Semiconductor Inc HT16528 Datasheet HTML 38Page - Holtek Semiconductor Inc HT16528 Datasheet HTML 39Page - Holtek Semiconductor Inc HT16528 Datasheet HTML 40Page - Holtek Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 37 / 40 page
background image
Example(8-bitDataParallel,DataIncrementMode)
InitializationSequence&DataSet
InitializationProgrammingExample&DataSet(M68series MPU)
RS
R,W
D7
D6
D5
D4
D3
D2
D1
D0
Description
PowerOn
0
0
0
0
1
1
1
x
0
1
FunctionSet
Datalength:8bits
Displaylinenumber:2lines
VFDBrightness:75%
0
0
0
1
0
0
0
0
0
0
CGRAM addresssetto00H
1
0
x
x
x
D
D
D
D
D
Writedatato CGRAM 64bytes
(8characters)
x
x
x
D
D
D
D
D
|
|
|
|
|
|
|
|
x
x
x
D
D
D
D
D
0
0
1
0
0
0
0
0
0
0
DDRAM addresssetto00H
1
0
D
D
D
D
D
D
D
D
Writedatato DDRAM 80bytes
(80characters)
D
D
D
D
D
D
D
D
|
|
|
|
|
|
|
|
D
D
D
D
D
D
D
D
0
0
0
0
0
0
1
1
0
0
DisplayON/OFF
Display ON, cursor OFF, cursor blink
OFF
HT16528
Rev.1.10
37
July5,2011



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com