Electronic Components Datasheet Search
  English  ▼

X  

MICRF218 Datasheet(PDF) 5 Page - Micrel Semiconductor

Part # MICRF218
Description  3.3V, 315/433MHz Wide-IF Bandwidth ASK Receiver
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MICRF218 Datasheet(HTML) 5 Page - Micrel Semiconductor

  MICRF218 Datasheet HTML 1Page - Micrel Semiconductor MICRF218 Datasheet HTML 2Page - Micrel Semiconductor MICRF218 Datasheet HTML 3Page - Micrel Semiconductor MICRF218 Datasheet HTML 4Page - Micrel Semiconductor MICRF218 Datasheet HTML 5Page - Micrel Semiconductor MICRF218 Datasheet HTML 6Page - Micrel Semiconductor MICRF218 Datasheet HTML 7Page - Micrel Semiconductor MICRF218 Datasheet HTML 8Page - Micrel Semiconductor MICRF218 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
Micrel
MICRF218
November 2011
5
M9999-111111
(408) 944-0800
Symbol
Parameter
Condition
Min
Typ
Max
Units
Digital / Control Functions
Input High Voltage
Pins DO (As input), SHDN
0.8VDD
V
Input Low Voltage
Pins DO (As input), SHDN
0.2VDD
V
Source @ 0.8 Vdd
260
DO pin output current
Sink @ 0.2 Vdd
600
µA
Output rise and fall
times
CI = 15 pF, pin DO, 10-90%
2
µsec
RSSI
RSSI DC Output
Voltage Range
0.22
to 2
V
RSSI response slope
-90 dBm to -40 dBm
35
mV/
dBm
RSSI Output Current
±1.5
mA
RSSI Output
Impedance
200
Ω
RSSI Response Time
50% data duty cycle, input power to
Antenna = -20 dBm
0.3
Sec
Notes:
1.
Exceeding the absolute maximum rating may damage the device.
2.
The device is not guaranteed to function outside its operating rating.
3.
Device are ESD sensitive. Use appropriate ESD precaution. Exceeding the absolute maximum rating may damage the device.
4.
Sensitivity is defined as the average signal level measured at the input necessary to achieve 10-2 BER (bit error rate). The input signal is
defined as a return-to-zero (RZ) waveform with 50% average duty cycle (Manchester encoded) at a data rate of 1kBPS. Conductive
measurement is performed using 50 ohm test circuit .
5.
Spurious reverse isolation represents the spurious component that appear on the RF input pin (ANT) measured into 50 Ohms with an input RF
matching network.
6.
When data burst does not contain preamble, the duty cycle is then defined as total duty cycle, including any “quiet” time between data bursts.
When data bursts contain preamble sufficient to charge the slice level on capacitor Cth, then duty cycle is the effective duty cycle of the burst
alone. [For example, 100msec burst with 50% duty cycle, and 100msec “quiet” time between bursts. If burst includes preamble, duty cycle is
TON/(TON + tOFF) = 50%; without preamble, duty cycle is TON/(TON + TOFF + TQUIET) = 50msec/(200msec) = 25%. TON is the (Average number of
1’s/burst) × bit time, and TOFF = TBURST – TON.)
7.
Parameter scales linearly with reference oscillator frequency fT. For any reference oscillator frequency other than one of the tabulated
frequencies (called FTAB), compute new parameter value as the ratio:
Parameter at fREFOSCMHz = ( fREFOSCMHz /FTAB ) × ( parameter at FTABMHz )
8.
Parameter scales inversely with reference oscillator frequency fT. For any reference oscillator frequency other than one of the tabulated
frequencies (called FTAB), compute new parameter value as the ratio:
Parameter at fREFOSCMHz = ( FTAB / fREFOSCMHz ) × ( parameter at FTABMHz )



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com