Electronic Components Datasheet Search
  English  ▼

X  

MICRF218 Datasheet(PDF) 17 Page - Micrel Semiconductor

Part # MICRF218
Description  3.3V, 315/433MHz Wide-IF Bandwidth ASK Receiver
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MICRF218 Datasheet(HTML) 17 Page - Micrel Semiconductor

Back Button MICRF218 Datasheet HTML 13Page - Micrel Semiconductor MICRF218 Datasheet HTML 14Page - Micrel Semiconductor MICRF218 Datasheet HTML 15Page - Micrel Semiconductor MICRF218 Datasheet HTML 16Page - Micrel Semiconductor MICRF218 Datasheet HTML 17Page - Micrel Semiconductor MICRF218 Datasheet HTML 18Page - Micrel Semiconductor MICRF218 Datasheet HTML 19Page - Micrel Semiconductor MICRF218 Datasheet HTML 20Page - Micrel Semiconductor MICRF218 Datasheet HTML 21Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 23 page
background image
Micrel
MICRF218
November 2011
17
M9999-111111
(408) 944-0800
The oscillator of the MICRF218 is Colpitts in
configuration. It is very sensitive to stray capacitance
loads. Thus, very good care must be taken when
laying out the printed circuit board. Avoid long traces
and ground plane on the top layer close to the
REFOSC pins RO1 and RO2. When care is not taken
in the layout, and crystals from other vendors are
used, the oscillator may take longer times to start as
well as the time to good data in the DO pin to show
up. In some cases, if the stray capacitance is too high
(> 20pF), the oscillator may not start at all.
Refer to Equations 1 and 2 for crystal frequency
calculations. The local oscillator is low side injection
(32 × 13.51783MHz = 432.571MHz), that is, its
frequency is below the RF carrier frequency and the
image frequency is below the LO frequency. See
Figure 10. The product of the incoming RF signal and
local oscillator signal will yield the IF frequency, which
will be demodulated by the detector of the device.
-fLO
f (MHz)
Desired
Signal
Image
Frequency
Figure 10. Low Side Injection Local Oscillator
Narrow and Wide Band Crystal Part Numbers,
WB = IF Wide Band, NB = IF Narrow Band
JP1 and JP2 are the bandwidth selection for the
demodulator bandwidth. To set it correctly, it is
necessary to know the shortest pulse width of the
encoded data sent in the transmitter. Similar to the
example of the data profile in the Figure 11 below,
PW2 is shorter than PW1, so PW2 should be used for
the demodulator bandwidth calculation which is found
by 0.65/shortest pulse width. After this value is found,
the setting should be done according to
Table 6. For
example, if the pulse period is 100µsec, 50% duty
cycle, the pulse width will be 50µsec (PW = (100µsec
× 50%) / 100). So, a bandwidth of 13kHz would be
necessary (0.65 / 50µsec). However, if this data
stream had a pulse period with 20% duty cycle, then
the bandwidth required would be 32.5kHz (0.65 /
20µsec), which exceeds the maximum bandwidth of
the demodulator circuit. If one tries to exceed the
maximum bandwidth, the pulse would appear
stretched or wider.
SEL0
JP1
SEL1
JP2
Demod.
BW
(hertz)
Shortest
Pulse
(µsec)
Maximum
baud rate for
50% Duty
Cycle (hertz)
Short
Short
1625
400
1250
Open
Short
3250
200
2500
Short
Open
6500
100
5000
Open
Open
13000
50
10000
Table
6. JP1 and JP2 setting, 433.92 MHz
Other frequencies will have different demodulator
bandwidth limits, which are derived from the reference
oscillator frequency.
Table 7 and 8 below shows the
limits for the other two most used frequencies.
SEL0
JP1
SEL1
JP2
Demod.
BW
(hertz)
Shortest
Pulse
(µsec)
Maximum
baud rate for
50% Duty
Cycle (hertz)
Short
Short
1565
416
1204
Open
Short
3130
208
2408
Short
Open
6261
104
4816
Open
Open
12523
52
9633
Table
7. JP1 and JP2 setting, 418.0 MHz
SEL0
JP1
SEL1
JP2
Demod.
BW
(hertz)
Shortest
Pulse
(µsec)
Maximum
baud rate for
50% Duty
Cycle (Hertz)
Short
Short
1460
445
1123
Open
Short
2921
223
2246
Short
Open
5842
111
4493
Open
Open
11684
56
8987
Table 8. JP1 and JP2 setting, 390.0 MHz
SEL0
JP1
SEL1
JP2
Demod.
BW
(hertz)
Shortest
Pulse
(µsec)
Maximum
baud rate for
50% Duty
Cycle (Hertz)
Short
Short
1180
551
908
Open
Short
2360
275
1815
Short
Open
4720
138
3631
Open
Open
9400
69
7230
Table 9. JP1 and JP2 setting, 315.0 MHz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com