Electronic Components Datasheet Search
  English  ▼

X  

MICRF218 Datasheet(PDF) 18 Page - Micrel Semiconductor

Part # MICRF218
Description  3.3V, 315/433MHz Wide-IF Bandwidth ASK Receiver
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MICRF218 Datasheet(HTML) 18 Page - Micrel Semiconductor

Back Button MICRF218 Datasheet HTML 14Page - Micrel Semiconductor MICRF218 Datasheet HTML 15Page - Micrel Semiconductor MICRF218 Datasheet HTML 16Page - Micrel Semiconductor MICRF218 Datasheet HTML 17Page - Micrel Semiconductor MICRF218 Datasheet HTML 18Page - Micrel Semiconductor MICRF218 Datasheet HTML 19Page - Micrel Semiconductor MICRF218 Datasheet HTML 20Page - Micrel Semiconductor MICRF218 Datasheet HTML 21Page - Micrel Semiconductor MICRF218 Datasheet HTML 22Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 23 page
background image
Micrel
MICRF218
November 2011
18
M9999-111111
(408) 944-0800
Selection of CTH and CAGC Capacitors
Capacitors C6 and C4, Cth and Cagc respectively
provide time-based reference for the data pattern
received. These capacitors are selected according to
data profile, pulse duty cycle, dead time between two
received data packets, and if the data pattern has or
does not have a preamble. See Figure 11 for an
example of a data profile.
Preamble
12
34
56
7
8
9
10
Header
PW1 PW2
t1
t2
PW2 = Narrowest pulse width
t1 & t2 = data period
Figure 11. Example of a Data Profile
For best results, the capacitors should always be
optimized for the data pattern used. As the baud rate
increases, the capacitor values decrease.
Table
shows suggested values for Manchester Encoded
data, 50% duty cycle.
SEL0
JP1
SEL1
JP2
Demod.
BW
(hertz)
Cth
(C6)
Cagc
(Cagc)
Short
Short
1625
100nF
4.7µF
Open
Short
3250
47nF
2.2µF
Short
Open
6500
22nF
1µF
Open
Open
13000
10nF
0.47µF
Table 10. Suggested Cth and Cagc Values.
Other components used include C5, which is a
decoupling capacitor for the Vdd line; R4 reserved for
future use and not needed for the evaluation board;
R3 for the shutdown pin (SHDN = 0, device is
operation), which can be removed if that pin is
connected to a microcontroller or an external switch,
and R1 and R2 which form a voltage divider for the
AGC pin. One can force a voltage in this AGC pin to
purposely decrease the device sensitivity. Special
care is needed when doing this operation, as an
external control of the AGC voltage may vary from lot
to lot and may not work the same for several devices.
DO, RSSI and Shutdown Functions
Three other pins are worthy of comment. They are the
DO, RSSI, and shut down pins. The DO pin has a
driving capability of 0.6mA. This drive current is good
enough for most of the logic family ICs in the market
today. The RSSI pin provides a transfer function of the
RF signal intensity vs. voltage. It is very useful to
determine the signal to noise ratio of the RF link,
crude range estimate from the transmitter source and
AM demodulation, which requires a low Cagc
capacitor value.
Shut Down Control
The shut down pin (SHDN) is useful to save energy.
When its level close to Vdd (SHDN = 1), the device is
not in operation. Its DC current consumption is less
than 1µA (do not forget to remove R3). When toggling
from high to low, there will be a time required for the
device to come to steady state mode, and a time for
data to show up in the DO pin. This time will be
dependent upon many things such as temperature,
choice of crystal used, and if the there is an external
oscillator with faster startup time. Normally, with the
crystal vendors suggested, the data will show up in
the DO pin around 1msec time, and 2msec over the
temperature range of the device. See Figures 12.
Figure 12. Time-to-Good Data After Shut Down Cycle,
Room Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com