Electronic Components Datasheet Search
  English  ▼

X  

MICRF218 Datasheet(PDF) 14 Page - Micrel Semiconductor

Part # MICRF218
Description  3.3V, 315/433MHz Wide-IF Bandwidth ASK Receiver
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MICRF218 Datasheet(HTML) 14 Page - Micrel Semiconductor

Back Button MICRF218 Datasheet HTML 10Page - Micrel Semiconductor MICRF218 Datasheet HTML 11Page - Micrel Semiconductor MICRF218 Datasheet HTML 12Page - Micrel Semiconductor MICRF218 Datasheet HTML 13Page - Micrel Semiconductor MICRF218 Datasheet HTML 14Page - Micrel Semiconductor MICRF218 Datasheet HTML 15Page - Micrel Semiconductor MICRF218 Datasheet HTML 16Page - Micrel Semiconductor MICRF218 Datasheet HTML 17Page - Micrel Semiconductor MICRF218 Datasheet HTML 18Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 23 page
background image
Micrel
MICRF218
November 2011
14
M9999-111111
(408) 944-0800
Application Information
Figure 7. QR218HE1 Application Example, 433.92 MHz, Narrow Band
The MICRF218 can be fully tested by using one of
many evaluation boards designed at Micrel for this
device. As simple demonstrator, the QR218HE1
(Figure 7) offers a good start for most applications. It
has a helical PCB antenna with its matching network,
a bandpass-filter front-end as a pre-selector filter,
matching network and the minimum components
required to make the device work, which are a crystal,
Cagc, and Cth capacitors.
The matching network of the helical PCB antenna (C9
and L3) can be removed and a whip antenna (ANT2)
or a RF connector (J2) can be used instead. Figure 7
shows the entire schematic of it for 433.92MHz. Other
frequencies can be used. Matching network values
for other frequencies are listed in the tables below.
Capacitor C9 and inductor L3 are the passive
elements for the helical PCB matching network. Tight
tolerance is recommended for these devices, like 2%
for the inductor and 0.1pF for the capacitor. PCB
variations may require different component values and
optimization. Table 2 shows the matching elements
for the device frequency range. For additional
information look for Small PCB Antennas for Micrel RF
Products application note.
Freq (MHz)
C9 (pF)
L3(nH)
315.0
1.2
75
390.0
1.2
43
418.0
1.2
36
433.92
1.5
30
Table 2. Matching Values for the Helical PCB Antenna
If whip antenna is used, remove C9 and place the
whip antenna in the hole provided in the PCB. Also,
RF signal can be injected there (add RF connector).
L1 and C8 form the pass-band-filter front-end. Its
purpose is to attenuate undesired outside band noise
which reduces the receiver performance. It is
calculated by the parallel resonance equation:
C8)
*
L1
*
(2
1
f



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com