Electronic Components Datasheet Search
  English  ▼

X  

MICRF218 Datasheet(PDF) 16 Page - Micrel Semiconductor

Part # MICRF218
Description  3.3V, 315/433MHz Wide-IF Bandwidth ASK Receiver
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MICRF218 Datasheet(HTML) 16 Page - Micrel Semiconductor

Back Button MICRF218 Datasheet HTML 12Page - Micrel Semiconductor MICRF218 Datasheet HTML 13Page - Micrel Semiconductor MICRF218 Datasheet HTML 14Page - Micrel Semiconductor MICRF218 Datasheet HTML 15Page - Micrel Semiconductor MICRF218 Datasheet HTML 16Page - Micrel Semiconductor MICRF218 Datasheet HTML 17Page - Micrel Semiconductor MICRF218 Datasheet HTML 18Page - Micrel Semiconductor MICRF218 Datasheet HTML 19Page - Micrel Semiconductor MICRF218 Datasheet HTML 20Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 23 page
background image
Micrel
MICRF218
November 2011
16
M9999-111111
(408) 944-0800
Figure 9. Plotting the Shunt Inductor and Series Capacitor
Crystal Y1 may be either SMT or leaded. It is the
reference clock for all the device internal circuits.
Crystal characteristics of 10pF load capacitance,
30ppm, ESR < 50Ω, -40ºC to +85ºC temperature
range are desired.
Table 5 shows the crystal
frequencies for WB or NB and one of Micrel’s
approved crystal manufacturers (
www.hib.com.br).
REFOSC (MHz)
Carrier (MHz)
HIB Part Number
9.813135, NB
315
SA-9.813135-F-10-G-30-30-X
12.149596, NB
390.0
SA-12.149596-F-10-G-30-30-X
13.021874, NB
418.0
SA-13.021874-F-10-G-30-30-X
13.517827, NB
433.92
SA-13.517827-F-10-G-30-30-X
9.788232, WB
315
SA-9.788232-F-10-G-30-30-X
12.118764, WB
390.0
SA-12.118764-F-10-G-30-30-X
12.988829, WB
418.0
SA-12.988829-F-10-G-30-30-X
13.483523, WB
433.92
SA-13.483523-F-10-G-30-30-X
Table 5. Crystal Frequency and Vendor Part Number



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com