Electronic Components Datasheet Search
  English  ▼

X  

MICRF218 Datasheet(PDF) 15 Page - Micrel Semiconductor

Part # MICRF218
Description  3.3V, 315/433MHz Wide-IF Bandwidth ASK Receiver
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MICRF218 Datasheet(HTML) 15 Page - Micrel Semiconductor

Back Button MICRF218 Datasheet HTML 11Page - Micrel Semiconductor MICRF218 Datasheet HTML 12Page - Micrel Semiconductor MICRF218 Datasheet HTML 13Page - Micrel Semiconductor MICRF218 Datasheet HTML 14Page - Micrel Semiconductor MICRF218 Datasheet HTML 15Page - Micrel Semiconductor MICRF218 Datasheet HTML 16Page - Micrel Semiconductor MICRF218 Datasheet HTML 17Page - Micrel Semiconductor MICRF218 Datasheet HTML 18Page - Micrel Semiconductor MICRF218 Datasheet HTML 19Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 23 page
background image
Micrel
MICRF218
November 2011
15
M9999-111111
(408) 944-0800
Table 3 shows the most used frequency values.
Freq (MHz)
C8 (pF)
L1(nH)
315.0
6.8
39
390.0
6.8
24
418.0
6.0
24
433.92
5.6
24
Table 3. Band-Pass-Filter Front-End Values
There is no need for the bandpass-filter front-end for
applications where it is proven that the outside band
noise does not cause a problem. The MICRF218 has
image reject mixers which improve significantly the
selectivity and rejection of outside band noise.
Capacitor C3 and inductor L2 form the L-shape
matching network. The capacitor provides additional
attenuation for low frequency outside band noise, and
the inductor provides additional ESD protection for the
antenna pin. Two methods can be used to find these
values, which are matched close to 50Ω. One method
is done by calculating the values using the equations
below, and the other method uses a Smith chart. The
latter is made easier by using software that plots the
values of the components C8 and L1, like WinSmith
by Noble Publishing.
To calculate the matching values, one needs to know
the input impedance of the device. Table 4 4 shows
the input impedance of the MICRF218 and suggested
matching values for the most used frequencies. These
suggested values may be different if the layout is not
exactly the same as the one made here.
Freq (MHz)
C3 (pF)
L2(nH)
Z device (Ω)
315.0
1.5
68
16.3 -j210.8
390.0
1.2
47
8.26 – j163.9
418.0
1.2
43
11.1 – j161.9
433.92
1.1
39
9.54 – j152.3
Table 4. Matching values for the most used frequencies
For the frequency of 433.92MHz, the input impedance
is Z = 9.54 – j152.3Ω. The matching components are
calculated by:
Equivalent parallel = B = 1/Z = 0.410 + j6.54
msiemens
Rp = 1 / Re (B);
Xp = 1 / Im (B)
Rp = 2.44kΩ;
Xp = 345.8Ω
Q = SQRT (Rp/50 + 1)
Q = 7.06
Xm = Rp / Q
Xm = 345.8Ω
Resonance Method For L-shape Matching Network:
Lc = Xp / (2×Pi×f);
Lp = Xm / (2×Pi×f)
L2 = (Lc×Lp) / (Lc + Lp);
C3 = 1 / (2×Pi×f×Xm)
L2 = 38.9nH
C3 = 1.06pF
Doing the same calculation example with the Smith
Chart, it would appear as follows,
First, the input impedance of the device is plotted,
(Z = 9.54 – j152)Ω @ 433.92MHz.(Figure 8).
Figure 8. Device’s Input Impedance, Z = 9.54-j152Ω
Second, the shunt inductor (39nH) and the series
capacitor (1.1pF) for the desired input impedance are
plotted (Figure 9). One can see the matching leading
to the center of the Smith Chart or close to 50Ω.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com