Electronic Components Datasheet Search
  English  ▼

X  

MICRF218 Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # MICRF218
Description  3.3V, 315/433MHz Wide-IF Bandwidth ASK Receiver
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MICRF218 Datasheet(HTML) 1 Page - Micrel Semiconductor

  MICRF218 Datasheet HTML 1Page - Micrel Semiconductor MICRF218 Datasheet HTML 2Page - Micrel Semiconductor MICRF218 Datasheet HTML 3Page - Micrel Semiconductor MICRF218 Datasheet HTML 4Page - Micrel Semiconductor MICRF218 Datasheet HTML 5Page - Micrel Semiconductor MICRF218 Datasheet HTML 6Page - Micrel Semiconductor MICRF218 Datasheet HTML 7Page - Micrel Semiconductor MICRF218 Datasheet HTML 8Page - Micrel Semiconductor MICRF218 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
MICRF218
3.3V, 315/433MHz Wide-IF Bandwidth ASK Receiver
QwikRadio is a registered trademark of Micrel, Inc.
MLF and MicroLeadFrame are trademarks of Amkor Technology, Inc.
Micrel Inc. • 2180 Fortune Drive • San Jose, CA 95131 • USA • tel +1 (408) 944-0800 • fax + 1 (408) 474-1000 • http://www.micrel.com
November 2011
M9999-111111
(408) 944-0800
General Description
The MICRF218 is a 3.0V to 3.6V, 300MHz to 450MHz
ASK/OOK
super-heterodyne
receiver
with
user
selectable Intermediate Frequency (IF) Bandwidths of
550kHz or 1500kHz at 433.92MHz, making it an
excellent solution for use with low-cost SAW-based
transmitters or transmitters which use low-cost, medium-
grade (~30ppm) crystals. The device requires a single,
low-cost crystal to select the proper RF frequency,
integrated Automatic Gain Control (AGC), data slicer,
and programmable baseband filter bandwidths of
1.6kHz to 13kHz allowing the device to support bit-rates
up to 20kbps at 433.92MHz.
The MICRF218 consumes 4.0mA of supply current at
315MHz and 5.5mA of supply current at 433.92MHz.
The device also features a low-power shutdown mode
where the device consumes 1
A of supply current. The
device achieves a sensitivity of -108dBm at 1kbps. For
transmitters using higher-quality (~10ppm) crystals, the
MICRF219A/MICRF220
offer
an
IF-bandwidth
of
330kHz and a sensitivity of -110dBm at 1kbps, which
can provide better sensitivity and longer range
performance.
Features
 Fully integrated 300 to 450MHz ASK/OOK Receiver
 No external IF Filter Required
 Wide IF-Bandwidth filter supports reception of SAW
based and medium-grade (~30ppm) transmitter
 Sensitivity at 433.92MHz at 1kbps with 0.1% BER
o
-108dBm sensitivity with 550kHz IF Bandwidth
o
-106dBm sensitivity with 1500kHz IF Bandwidth
 Low-Supply Current
o
4.0mA at 315MHz
o
5.5mA at 433.92MHz
o
1µA low-power shutdown mode
 Data Rates to 10 kbps (Manchester Encoded) @
433.92 MHz
 Duty Cycling Capable > 100:1 (shut down mode)
 60dB Analog Received Signal Strength Indicator
 16-pin QSOP (4.9mm x 6.0mm) package
Ordering Information
Part Number
Temperature Range
Package
MICRF218AYQS
–40° to +85°C
16-Pin QSOP
Application Example
+3V
C4
0.1µF
16V
C2
1.5pF 50V
ANT
PCB Pattern
C5
4.7µF
6.3V
Y1
9.8131MHz
C1
6.8pF
U1 MICRF218AYQS
1
2
3
4
5
6
7
89
10
11
12
13
14
15
16
RO1
GNDRF
ANT
GNDRF
VDD
IF_BW
SEL0
SHDN
GND
DO
SEL1
CTH
CAGC
RSSI
NC
RO2
C3
0.1µF 16V
L1
39nH
L2
68nH
DO
RSSI
IF_BW CONTROL


Similar Part No. - MICRF218

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MICRF218 MICREL-MICRF218 Datasheet
1Mb / 24P
3.3V, QwikRadio짰 300 MHz to 450 MHz Receiver
MICRF218AYQS MICREL-MICRF218AYQS Datasheet
1Mb / 24P
3.3V, QwikRadio짰 300 MHz to 450 MHz Receiver
More results

Similar Description - MICRF218

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TH71071 ETC-TH71071 Datasheet
251Kb / 10P
315/433MHz ASK Transmitter / LO Source
TH7110 ETC-TH7110 Datasheet
703Kb / 20P
315/433MHz FSK/FM/ASK Receiver
logo
Melexis Microelectronic...
TH71101 MELEXIS-TH71101 Datasheet
404Kb / 22P
315/433MHz FSK/FM/ASK Receiver
TH71102 MELEXIS-TH71102 Datasheet
416Kb / 22P
315/433MHz FSK/FM/ASK Receiver
logo
Holtek Semiconductor In...
HT9831 HOLTEK-HT9831 Datasheet
112Kb / 9P
315/433MHz ASK Transmitter
logo
E-CMOS Corporation
ECF800 E-CMOS-ECF800 Datasheet
622Kb / 8P
315/433MHz OOK/ASK Receiver SOC for Home Automation
logo
Melexis Microelectronic...
TH7107 MELEXIS-TH7107 Datasheet
376Kb / 16P
315/433MHz FSK/FM/ASK Transmitter
TH71071 MELEXIS-TH71071 Datasheet
254Kb / 10P
315/433MHz ASK Transmitter / LO Source
TH71072 MELEXIS-TH71072 Datasheet
255Kb / 10P
315/433MHz ASK Transmitter / LO Source
TH71101 MELEXIS-TH71101_17 Datasheet
1Mb / 20P
315/433MHz FSK/ASK Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com