Electronic Components Datasheet Search
  English  ▼

X  

MICRF218 Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # MICRF218
Description  3.3V, 315/433MHz Wide-IF Bandwidth ASK Receiver
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MICRF218 Datasheet(HTML) 3 Page - Micrel Semiconductor

  MICRF218 Datasheet HTML 1Page - Micrel Semiconductor MICRF218 Datasheet HTML 2Page - Micrel Semiconductor MICRF218 Datasheet HTML 3Page - Micrel Semiconductor MICRF218 Datasheet HTML 4Page - Micrel Semiconductor MICRF218 Datasheet HTML 5Page - Micrel Semiconductor MICRF218 Datasheet HTML 6Page - Micrel Semiconductor MICRF218 Datasheet HTML 7Page - Micrel Semiconductor MICRF218 Datasheet HTML 8Page - Micrel Semiconductor MICRF218 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
Micrel
MICRF218
November 2011
3
M9999-111111
(408) 944-0800
Absolute Maximum Ratings(1)
Supply Voltage (VDD).................................................+5V
Input Voltage .............................................................+5V
Junction Temperature .........................................+150°C
Lead Temperature (soldering, 10sec.) .................. 260°C
Storage Temperature (TS).....................-65ºC to +150°C
Maximum Receiver Input Power ........................+10dBm
ESD Rating(3) ......................................................... 3KV
Operating Ratings(2)
Supply voltage (VDD)............................ +3.0V to +3.6V
Ambient Temperature (TA).................. –40°C to +85°C
Input Voltage (VIN) ......................................3.6V (Max)
Maximum Input RF Power .............................. –20dBm
Operating Frequency.......................... 300 to 450 MHz
Electrical Characteristics(4)
Specifications apply for VDD = 3.0V, VSS = 0V, CAGC = 4.7uF, CTH = 0.1uF, Bold values indicate –40°C - TA +85°C.
Symbol
Parameter
Condition
Min
Typ
Max
Units
Continuous Operation, fRX = 315 MHz
4.0
mA
20:1 Duty Cycle, fRX = 315 MHz
0.2
mA
Continuous Operation, fRX = 433.92 MHz
5.5
mA
IDD
MICRF218 Operating
Supply Current
20:1 Duty Cycle, fRX = 433.92 MHz
0.3
mA
Ishut
Shut down Current
1
µA
RF/IF Section
Image Rejection
20
dB
fRX = 315 MHz, Narrow IF
0.98
MHz
1
st IF Center
Frequency
fRX = 433.92 MHz, Narrow IF
1.4
MHz
fRX = 315 MHz, Wide IF
1.8
MHz
1
st IF Center
Frequency
fRX = 433.92 MHz, Wide IF
2.4
MHz
fRX = 315 MHz, Narrow IF (50 ohms)
-108
dBm
Receiver Sensitivity @
1kbps
fRX = 433.92 MHz, Narrow IF (50 ohms)
-108
dBm
fRX = 315 MHz, Wide IF (50 ohms)
-106
dBm
Receiver Sensitivity @
1kbps
fRX = 433.92 MHz, Wide IF (50 ohms)
-106
dBm
fRX = 315 MHz, Narrow IF
400
kHz
fRX = 433.92 MHz, Narrow IF
550
kHz
fRX = 315 MHz, Wide IF
1000
kHz
IF Bandwidth
fRX = 433.92 MHz, Wide IF
1500
kHz
fRX = 315 MHz
16-j211
Ω
Antenna Input
Impedance
fRX = 433.92 MHz
9.54-j152
Ω
Receive Modulation
Duty Cycle
Note 6
20
80
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com