Electronic Components Datasheet Search
  English  ▼

X  

MICRF218 Datasheet(PDF) 11 Page - Micrel Semiconductor

Part # MICRF218
Description  3.3V, 315/433MHz Wide-IF Bandwidth ASK Receiver
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MICRF218 Datasheet(HTML) 11 Page - Micrel Semiconductor

Back Button MICRF218 Datasheet HTML 7Page - Micrel Semiconductor MICRF218 Datasheet HTML 8Page - Micrel Semiconductor MICRF218 Datasheet HTML 9Page - Micrel Semiconductor MICRF218 Datasheet HTML 10Page - Micrel Semiconductor MICRF218 Datasheet HTML 11Page - Micrel Semiconductor MICRF218 Datasheet HTML 12Page - Micrel Semiconductor MICRF218 Datasheet HTML 13Page - Micrel Semiconductor MICRF218 Datasheet HTML 14Page - Micrel Semiconductor MICRF218 Datasheet HTML 15Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 23 page
background image
Micrel
MICRF218
November 2011
11
M9999-111111
(408) 944-0800
+3V
C4
0.047µF
C2
2.2pF
J2
RF IN
C5
4.7µF
C3
33pF
U1 MICRF218AYQS
1
2
3
4
5
6
7
89
10
11
12
13
14
15
16
RO1
GNDRF
ANT
GNDRF
VDD
IF_BW
SEL0
SHDN
GND
DO
SEL1
CTH
CAGC
RSSI
NC
RO2
C5
100nF
L2
3.9nH
Y1
9.8131MHz
1
2
C1
NP
J1
REFOSC
JPR1
0 OHMS
JPR2
NP
R11
100k
TSDF1220W
Q2
TSDF1220W
Q1
R7
100k
Y2
12.1287MHz
R2
NP
R1
NP
+3V
R6
10k
R9
10k
R10
100k
+3V
R8
10k
R4
0 OHMS
C7
NP
1
2
J4
CON2
IF BANDWIDTH
CONTROL
EXTERNAL REFERENCE
OSCILLATOR INPUT
VDD = WIDE BANDWIDTH
0V = NARROW BANDWIDTH
1
2
3
4
5
6
7
R5
100K
R3
NP
+3V
3.0 to 3.3V
3.0 to 3.3V
COM
SHDN
DO
REF-OSC CNTR
COM
J3
DATA OUT
L3
ZCB-0603
Notes:
1. 0V = Common
2. VDD Input = 3.0 to 3.3V
3. Ref-Osc Control:
0V = 315 MHz Operation,
VDD = 390.1 MHz Operation
L3
100nH
L4
100nH
NP = Not Placed
Figure 4. Dual Frequency QR218BP_SWREF, 315 MHz and 390 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com