Electronic Components Datasheet Search
  English  ▼

X  

MAX11329 Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX11329
Description  3Msps, 12-/10-Bit, 8-/16-Channel ADCs with Post-Mux External Signal Conditioning Access
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX11329 Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX11329 Datasheet HTML 5Page - Maxim Integrated Products MAX11329 Datasheet HTML 6Page - Maxim Integrated Products MAX11329 Datasheet HTML 7Page - Maxim Integrated Products MAX11329 Datasheet HTML 8Page - Maxim Integrated Products MAX11329 Datasheet HTML 9Page - Maxim Integrated Products MAX11329 Datasheet HTML 10Page - Maxim Integrated Products MAX11329 Datasheet HTML 11Page - Maxim Integrated Products MAX11329 Datasheet HTML 12Page - Maxim Integrated Products MAX11329 Datasheet HTML 13Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 37 page
background image
����������������������������������������������������������������� Maxim Integrated Products 9
MAX11329–MAX11332
3Msps, 12-/10-Bit, 8-/16-Channel ADCs with
Post-Mux External Signal Conditioning Access
Typical Operating Characteristics
(MAX11331ATI+/MAX11332ATI+, TA = +25°C, unless otherwise noted.)
INTEGRAL NONLINEARITY
vs. DIGITAL OUTPUT CODE
-0.8
-0.6
-0.4
-0.2
0
0.2
0.4
0.6
0.8
1.0
-1.0
DIGITAL OUTPUT CODE (DECIMAL)
3072
2048
1024
0
4096
fSAMPLE = 3Msps
GAIN ERROR vs. TEMPERATURE
TEMPERATURE (°C)
110
95
80
65
50
35
20
5
-10
-25
-2
-1
0
1
2
3
-3
-40
125
THD vs. ANALOG INPUT FREQUENCY
fIN (kHz)
80
60
40
20
-85
-80
-75
-70
-90
0
100
fSAMPLE = 3Msps
SFDR vs. ANALOG INPUT FREQUENCY
fIN (kHz)
80
60
40
20
90
80
0
100
fSAMPLE = 3Msps
82
84
86
88
DIFFERENTIAL NONLINEARITY
vs. OUTPUT CODE
DIGITAL OUTPUT CODE (DECIMAL)
3072
2048
1024
-0.5
0
0.5
1.0
-1.0
0
4096
fSAMPLE = 3Msps
HISTOGRAM FOR 30,000 CONVERSIONS
OUTPUT CODE (DECIMAL)
2027
2026
2025
2024
5000
10,000
15,000
20,000
25,000
30,000
35,000
0
2023
30,000 CODE HITS
fSAMPLE = 3Msps
OFFSET ERROR vs. TEMPERATURE
TEMPERATURE (°C)
110
95
80
65
50
35
20
5
-10
-25
-2
-1
0
1
2
3
-3
-40
125
fIN (kHz)
80
60
40
20
71.5
72.0
72.5
73.0
73.5
74.0
71.0
0
100
SNR AND SINAD
vs. ANALOG INPUT FREQUENCY
fSAMPLE = 3Msps
SINAD
SNR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com