Electronic Components Datasheet Search
  English  ▼

X  

MAX11329 Datasheet(PDF) 22 Page - Maxim Integrated Products

Part # MAX11329
Description  3Msps, 12-/10-Bit, 8-/16-Channel ADCs with Post-Mux External Signal Conditioning Access
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX11329 Datasheet(HTML) 22 Page - Maxim Integrated Products

Back Button MAX11329 Datasheet HTML 18Page - Maxim Integrated Products MAX11329 Datasheet HTML 19Page - Maxim Integrated Products MAX11329 Datasheet HTML 20Page - Maxim Integrated Products MAX11329 Datasheet HTML 21Page - Maxim Integrated Products MAX11329 Datasheet HTML 22Page - Maxim Integrated Products MAX11329 Datasheet HTML 23Page - Maxim Integrated Products MAX11329 Datasheet HTML 24Page - Maxim Integrated Products MAX11329 Datasheet HTML 25Page - Maxim Integrated Products MAX11329 Datasheet HTML 26Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 37 page
background image
���������������������������������������������������������������� Maxim Integrated Products 22
MAX11329–MAX11332
3Msps, 12-/10-Bit, 8-/16-Channel ADCs with
Post-Mux External Signal Conditioning Access
Table 2. ADC Mode Control Register (continued)
Table 3. ADC Scan Control
BIT NAME
BIT
DEFAULT
STATE
FUNCTION
PM[1:0]
4:3
00
Power Management Modes (Table 5). In external clock mode, PM[1:0] selects
between normal mode and various power-down modes of operation.
CHAN_ID
2
0
External Clock Mode. Channel address is always present in internal clock mode.
Set to 1, DOUT is a 16-bit data word containing a 4-bit channel address, followed by
a 12-bit conversion result led by the MSB.
SWCNV
1
0
Set to 1 to initiate conversions with the rising edge of CS instead of cycling CNVST
(internal clock mode only).
This bit is used for the internal clock mode only and must be reasserted in the ADC
mode control, if another conversion is desired.
—
0
0
Unused
SCAN3
SCAN2
SCAN1
SCAN0
MODE NAME
FUNCTION
0
0
0
0
Null
Continue to operate in the previously selected mode. Ignore data
on bits [10:0]. This feature is provided so that DIN can be held low
when no changes are required in the ADC Mode Control register.
Bits [6:3, 1] can be still written without changing the scan mode
properties.
0
0
0
1
Manual
The next channel to be selected is identified in each SPI frame. The
conversion results are sent out in the next frame.
Clock mode: External clock only
Channel scan/sequence: Single channel per frame
Channel selection: See Table 4, CHSEL[3:0]
Averaging: No
0
0
1
0
Repeat
Scans channel N repeatedly. The FIFO stores 4, 8, 12, or 16
conversion results for channel N.
Clock mode: Internal clock only
Channel scan/sequence: Single channel per frame
Channel selection: See Table 4, CHSEL[3:0]
Averaging: Can be enabled
0
0
1
1
Standard_Int
Scans channels 0 through N. The FIFO stores N conversion results.
Clock mode: Internal clock
Channel scan/sequence: N channels in ascending order
Channel selection: See Table 4, CHSEL[3:0] determines channel N
Averaging: Can be enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com