Electronic Components Datasheet Search
  English  ▼

X  

MAX11329 Datasheet(PDF) 35 Page - Maxim Integrated Products

Part # MAX11329
Description  3Msps, 12-/10-Bit, 8-/16-Channel ADCs with Post-Mux External Signal Conditioning Access
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX11329 Datasheet(HTML) 35 Page - Maxim Integrated Products

Back Button MAX11329 Datasheet HTML 29Page - Maxim Integrated Products MAX11329 Datasheet HTML 30Page - Maxim Integrated Products MAX11329 Datasheet HTML 31Page - Maxim Integrated Products MAX11329 Datasheet HTML 32Page - Maxim Integrated Products MAX11329 Datasheet HTML 33Page - Maxim Integrated Products MAX11329 Datasheet HTML 34Page - Maxim Integrated Products MAX11329 Datasheet HTML 35Page - Maxim Integrated Products MAX11329 Datasheet HTML 36Page - Maxim Integrated Products MAX11329 Datasheet HTML 37Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 35 / 37 page
background image
���������������������������������������������������������������� Maxim Integrated Products 35
MAX11329–MAX11332
3Msps, 12-/10-Bit, 8-/16-Channel ADCs with
Post-Mux External Signal Conditioning Access
Definitions
Integral Nonlinearity
Integral nonlinearity (INL) is the deviation of the values
on an actual transfer function from a straight line. This
straight line can be either a best-straight-line fit or a line
drawn between the end points of the transfer function,
once offset and gain errors have been nulled. The static
linearity parameters for the MAX11329–MAX11332 are
measured using the end-points method.
Differential Nonlinearity
Differential nonlinearity (DNL) is the difference between
an actual step width and the ideal value of 1 LSB. A DNL
error specification of 1 LSB or less guarantees no miss-
ing codes and a monotonic transfer function.
Signal-to-Noise Ratio
Signal-to-noise ratio is the ratio of the amplitude of the
desired signal to the amplitude of noise signals at a
given point in time. The larger the number, the better. The
theoretical minimum analog-to-digital noise is caused by
quantization error and results directly from the ADC’s
resolution (N bits):
SNR = (6.02 x N + 1.76) dB
In reality, there are other noise sources besides quantiza-
tion noise, including thermal noise, reference noise, clock
jitter, etc. Therefore, SNR is computed by taking the ratio
of the RMS signal to the RMS noise, which includes all
spectral components minus the fundamental, the first five
harmonics, and the DC offset.
Total Harmonic Distortion
Total harmonic distortion (THD) is expressed as:
2222
2
345
1
VVVV
THD
20 log
V

+++

=
×



where V1 is the fundamental amplitude, and V2 through V5
are the amplitudes of the 2nd- through 5th-order harmonics.
Spurious-Free Dynamic Range
Spurious-free dynamic range (SFDR) is the ratio of the
RMS amplitude of the fundamental (maximum signal
component) to the RMS value of the next largest distor-
tion component.
Full-Power Bandwidth
Full-power bandwidth is the frequency at which the input
signal amplitude attenuates by 3dB for a full-scale input.
Table 15. Recommended Input Amplifiers
Table 16. Recommended References
REFERENCE
CHANNELS
TYPICAL APPLICATION
MAX4430
1
Dual supply, low noise, low distortion, high bandwidth
MAX4432
2
Dual supply, low noise, low distortion, high bandwidth
MAX4454
4
Low power, single, supply, low cost
MAX4418
4
Low noise, low power, high bandwidth
MAX44263
2
Low power, precision, CMOS input, rail-to-rail I/O
REFERENCE
TYPICAL APPLICATION
MAX6126
Ultra-high precision, ultra-low noise, wide temperature range
MAX6033
Ultra-high precision, low noise, low power, wide temperature range
MAX6043
High precision, wide temperature range
MAX6129B
Low cost, ultra-low power
MAX6003
Low cost, low power



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com