Electronic Components Datasheet Search
  English  ▼

X  

MAX11329 Datasheet(PDF) 12 Page - Maxim Integrated Products

Part # MAX11329
Description  3Msps, 12-/10-Bit, 8-/16-Channel ADCs with Post-Mux External Signal Conditioning Access
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX11329 Datasheet(HTML) 12 Page - Maxim Integrated Products

Back Button MAX11329 Datasheet HTML 8Page - Maxim Integrated Products MAX11329 Datasheet HTML 9Page - Maxim Integrated Products MAX11329 Datasheet HTML 10Page - Maxim Integrated Products MAX11329 Datasheet HTML 11Page - Maxim Integrated Products MAX11329 Datasheet HTML 12Page - Maxim Integrated Products MAX11329 Datasheet HTML 13Page - Maxim Integrated Products MAX11329 Datasheet HTML 14Page - Maxim Integrated Products MAX11329 Datasheet HTML 15Page - Maxim Integrated Products MAX11329 Datasheet HTML 16Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 37 page
background image
���������������������������������������������������������������� Maxim Integrated Products 12
MAX11329–MAX11332
3Msps, 12-/10-Bit, 8-/16-Channel ADCs with
Post-Mux External Signal Conditioning Access
Pin Description (continued)
MAX11329
MAX11331
(16 CHANNEL)
MAX11330
MAX11332
(8 CHANNEL)
NAME
FUNCTION
20, 21
20, 21
VDD
Power-Supply Input. Bypass to GND with a 10FF in parallel with a 0.1FF
capacitors.
22
22
SCLK
Serial Clock Input. Clocks data in and out of the serial interface.
23
23
CS
Active-Low Chip Select Input. When CS is low, the serial interface is enabled.
When CS is high, DOUT is high impedance or three-state.
24
24
DIN
Serial Data Input. DIN data is latched into the serial interface on the rising edge
of SCLK.
25
25
DGND
Digital I/O Ground
26
26
OVDD
Digital Power-Supply Input. Bypass to GND with a 10FF in parallel with a 0.1FF
capacitors.
27
27
DOUT
Serial Data Output. Data is clocked out on the falling edge of SCLK. When CS is
high, DOUT is high impedance or three-state.
28
28
EOC
End of Conversion Output. Data is valid after EOC is driven low (internal clock mode
only).
EP
Exposed Pad. Connect EP directly to GND plane for guaranteed performance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com