Electronic Components Datasheet Search
  English  ▼

X  

MAX11329 Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MAX11329
Description  3Msps, 12-/10-Bit, 8-/16-Channel ADCs with Post-Mux External Signal Conditioning Access
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX11329 Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAX11329 Datasheet HTML 6Page - Maxim Integrated Products MAX11329 Datasheet HTML 7Page - Maxim Integrated Products MAX11329 Datasheet HTML 8Page - Maxim Integrated Products MAX11329 Datasheet HTML 9Page - Maxim Integrated Products MAX11329 Datasheet HTML 10Page - Maxim Integrated Products MAX11329 Datasheet HTML 11Page - Maxim Integrated Products MAX11329 Datasheet HTML 12Page - Maxim Integrated Products MAX11329 Datasheet HTML 13Page - Maxim Integrated Products MAX11329 Datasheet HTML 14Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 37 page
background image
���������������������������������������������������������������� Maxim Integrated Products 10
MAX11329–MAX11332
3Msps, 12-/10-Bit, 8-/16-Channel ADCs with
Post-Mux External Signal Conditioning Access
Typical Operating Characteristics (continued)
(MAX11331ATI+/MAX11332ATI+, TA = +25°C, unless otherwise noted.)
SNR vs. INPUT RESISTANCE
RIN (I)
1000
2000
3000
4000
500
1500
2500
3500
4500
71
72
73
70
0
5000
fSAMPLE = 3Msps
fIN = 100kHz
AOP SHORTED TO AIP
AON SHORTED TO AIN
BUFFER BETWEEN AOP AND AIP
BUFFER BETWEEN AON AND AIN
75
80
85
90
SFDR vs. INPUT RESISTANCE
RIN (I)
1000
2000
3000
4000
500
1500
2500
3500
4500
70
0
5000
fSAMPLE = 3Msps
fIN = 100kHz
AOP SHORTED TO AIP
AON SHORTED TO AIN
BUFFER BETWEEN AOP AND AIP
BUFFER BETWEEN AON AND AIN
SUPPLY CURRENT vs. TEMPERATURE
TEMPERATURE (°C)
110
95
80
65
50
35
20
5
-10
-25
3.5
4.0
4.5
5.0
5.5
6.0
3.0
-40
125
fSAMPLE = 3Msps
VDD = 3V
67
68
69
70
71
72
SNR vs. REFERENCE VOLTAGE
VREFP (V)
3.4
3.0
2.6
2.2
1.8
1.4
66
1.0
fSAMPLE = 3Msps
fIN = 100kHz
73
SINAD vs. INPUT RESISTANCE
RIN (I)
1000
2000
3000
4000
500
1500
2500
3500
4500
71
72
73
70
0
5000
fSAMPLE = 3Msps
fIN = 100kHz
AOP SHORTED TO AIP
AON SHORTED TO AIN
BUFFER BETWEEN AOP AND AIP
BUFFER BETWEEN AON AND AIN
100kHz SINE-WAVE INPUT
(8192 POINT FFT PLOT)
FREQUENCY (kHz)
1200
1200
900
1050
600
300
450
750
-100
-80
-60
-40
-20
0
-120
0
1500
150
fSAMPLE = 3Msps
fIN = 100kHz
AHD2 = -88.93dB
f = 200kHz
AHD3 = -88.23dB
f = 300kHz
-85
-80
-75
-70
THD vs. INPUT RESISTANCE
RIN (I)
1000
2000
3000
4000
500
1500
2500
3500
4500
-90
0
5000
fSAMPLE = 3Msps
fIN = 100kHz
AOP SHORTED TO AIP
AON SHORTED TO AIN
BUFFER BETWEEN AOP AND AIP
BUFFER BETWEEN AON AND AIN
REFERENCE CURRENT
vs. SAMPLING RATE
fSAMPLE (ksps)
2500
2000
1500
1000
500
50
100
150
200
0
0
3000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com