Electronic Components Datasheet Search
  English  ▼

X  

MAX11329 Datasheet(PDF) 31 Page - Maxim Integrated Products

Part # MAX11329
Description  3Msps, 12-/10-Bit, 8-/16-Channel ADCs with Post-Mux External Signal Conditioning Access
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX11329 Datasheet(HTML) 31 Page - Maxim Integrated Products

Back Button MAX11329 Datasheet HTML 27Page - Maxim Integrated Products MAX11329 Datasheet HTML 28Page - Maxim Integrated Products MAX11329 Datasheet HTML 29Page - Maxim Integrated Products MAX11329 Datasheet HTML 30Page - Maxim Integrated Products MAX11329 Datasheet HTML 31Page - Maxim Integrated Products MAX11329 Datasheet HTML 32Page - Maxim Integrated Products MAX11329 Datasheet HTML 33Page - Maxim Integrated Products MAX11329 Datasheet HTML 34Page - Maxim Integrated Products MAX11329 Datasheet HTML 35Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 37 page
background image
���������������������������������������������������������������� Maxim Integrated Products 31
MAX11329–MAX11332
3Msps, 12-/10-Bit, 8-/16-Channel ADCs with
Post-Mux External Signal Conditioning Access
Figure 10. SampleSet Timing Diagram
Applications Information
How to Program Modes
1) Configure the ADC (set the MSB on DIN to 1).
2) Program ADC mode control (set the MSB on DIN to 0)
to begin the conversion process or to control power
management features.
• IfADCmodecontroliswrittenduringaconversion
sequence, the ADC finishes the present conver-
sion and at the next falling edge of CS initiates its
new instruction.
• Ifconfigurationdata(MSBonDINisa1)iswritten
during a conversion sequence, the ADC finishes
the present conversion in the existing scan mode.
However, data on DOUT is not valid in following
frames until a new ADC mode control instruction
is coded.
Programming Sequence Flow Chart
See Figure 11 for programming sequence.
Layout, Grounding, and Bypassing
For best performance, use PCBs with a solid ground
plane. Ensure that digital and analog signal lines are
separated from each other. Do not run analog and digital
(especially clock) lines parallel to one another or digital
lines underneath the ADC package. Noise in the VDD,
OVDD, and REF affects the ADC’s performance. Bypass
the VDD, OVDD, and REF to ground with 0.1FF and 10FF
bypass capacitors. Minimize capacitor lead and trace
lengths for best supply-noise rejection.
Choosing an Input Amplifier
It is important to match the settling time of the input
amplifier to the acquisition time of the ADC. The conver-
sion results are accurate when the ADC samples the
input signal for an interval longer than the input signal’s
worst-case settling time. By definition, settling time is the
interval between the application of an input voltage step
and the point at which the output signal reaches and
stays within a given error band centered on the result-
ing steady-state amplifier output level. The ADC input
sampling capacitor charges during the sampling cycle,
referred to as the acquisition period. During this acquisi-
tion period, the settling time is affected by the input resis-
tance and the input sampling capacitance. This error
can be estimated by looking at the settling of an RC time
constant using the input capacitance and the source
impedance over the acquisition time period. Figure 13
shows a typical application circuit. The MAX4430, offer-
ing a settling time of 37ns at 16-bit resolution, is an excel-
lent choice for this application.
Table 15 lists serveral recommended operational ampli-
fiers for MAX11129–MAX11132.
CS
SCLK
DIN
ENTRY 1
WRITE SampleSet REGISTER
DEFINE SEQ_LENGTH
WRITE ADC MODE CONTROL
OR CONTINUE WITH ADDITIONAL
CONFIGURATION SETTINGS
ENTRY 2
ENTRY N = (SEQ_LENGTH)
DOUT
1
1
1
16
LOAD SampleSet PATTERN
TIME BETWEEN CS FALLING AND
RISING EDGE DEPENDS IN SEQ_LENGTH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com