Electronic Components Datasheet Search
  English  ▼

X  

DM9010BI Datasheet(PDF) 38 Page - Davicom Semiconductor, Inc.

Part # DM9010BI
Description  Industrial-temperature 10/100 Mbps Single Chip Ethernet Controller With General Processor Interface
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAVICOM [Davicom Semiconductor, Inc.]
Direct Link  http://www.davicom.com.tw
Logo DAVICOM - Davicom Semiconductor, Inc.

DM9010BI Datasheet(HTML) 38 Page - Davicom Semiconductor, Inc.

Back Button DM9010BI Datasheet HTML 34Page - Davicom Semiconductor, Inc. DM9010BI Datasheet HTML 35Page - Davicom Semiconductor, Inc. DM9010BI Datasheet HTML 36Page - Davicom Semiconductor, Inc. DM9010BI Datasheet HTML 37Page - Davicom Semiconductor, Inc. DM9010BI Datasheet HTML 38Page - Davicom Semiconductor, Inc. DM9010BI Datasheet HTML 39Page - Davicom Semiconductor, Inc. DM9010BI Datasheet HTML 40Page - Davicom Semiconductor, Inc. DM9010BI Datasheet HTML 41Page - Davicom Semiconductor, Inc. DM9010BI Datasheet HTML 42Page - Davicom Semiconductor, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 60 page
background image
DM9010BI
Industrial-temperature Single Chip Ethernet Controller with General Processor Interface
Preliminary
38
Version: DM9010BI--DS-P01
January 12, 2010
8.10 10BASE-T Configuration/Status (10BTCSR) - 18
Bit
Bit Name
Default
Description
18.15
Reserved
0, RO
Reserved
Read as 0, ignore on write
18.14
LP_EN
1, RW
Link Pulse Enable
1 = Transmission of link pulses enabled
0 = Link pulses disabled, good link condition forced
This bit is valid only in 10Mbps operation
18.13
HBE
1,RW
Heartbeat Enable
1 = Heartbeat function enabled
0 = Heartbeat function disabled
When the DM9010BI is configured for full duplex operation, this bit will
be ignored (the collision/heartbeat function is invalid in full duplex
mode)
18.12
SQUELCH
1, RW
Squelch Enable
1 = Normal squelch
0 = Low squelch
18.11
JABEN
1, RW
Jabber Enable
Enables or disables the Jabber function when the DM9010BI is in
10BASE-T full duplex or 10BASE-T transceiver Loopback mode
1 = Jabber function enabled
0 = Jabber function disabled
18.10
Reserved
0, RW
Reserved
Force to 0, in application.
18.9-18.1
Reserved
0, RO
Reserved
Read as 0, ignore on write
18.0
POLR
0, RO
Polarity Reversed
When this bit is set to 1, it indicates that the 10Mbps cable polarity is
reversed. This bit is automatically set and cleared by 10BASE-T
module
8.11 Power Down Control Register (PWDOR) - 19
Bit
Bit Name
Default
Description
19.15-19.9
Reserved
0, RO
Reserved
Read as 0, ignore on write
19.8
PD10DRV
0, RW
Vendor power down control test
19.7
PD100DL
0, RW
Vendor power down control test
19.6
PDchip
0, RW
Vendor power down control test
19.5
PDcom
0, RW
Vendor power down control test
19.4
PDaeq
0, RW
Vendor power down control test
19.3
PDdrv
0, RW
Vendor power down control test
19.2
PDedi
0, RW
Vendor power down control test
19.1
PDedo
0, RW
Vendor power down control test
19.0
PD10
0, RW
Vendor power down control test
*
When selected, the power down value is control by Register 20.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com