Electronic Components Datasheet Search
  English  ▼

X  

DM9010BI Datasheet(PDF) 5 Page - Davicom Semiconductor, Inc.

Part # DM9010BI
Description  Industrial-temperature 10/100 Mbps Single Chip Ethernet Controller With General Processor Interface
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAVICOM [Davicom Semiconductor, Inc.]
Direct Link  http://www.davicom.com.tw
Logo DAVICOM - Davicom Semiconductor, Inc.

DM9010BI Datasheet(HTML) 5 Page - Davicom Semiconductor, Inc.

  DM9010BI Datasheet HTML 1Page - Davicom Semiconductor, Inc. DM9010BI Datasheet HTML 2Page - Davicom Semiconductor, Inc. DM9010BI Datasheet HTML 3Page - Davicom Semiconductor, Inc. DM9010BI Datasheet HTML 4Page - Davicom Semiconductor, Inc. DM9010BI Datasheet HTML 5Page - Davicom Semiconductor, Inc. DM9010BI Datasheet HTML 6Page - Davicom Semiconductor, Inc. DM9010BI Datasheet HTML 7Page - Davicom Semiconductor, Inc. DM9010BI Datasheet HTML 8Page - Davicom Semiconductor, Inc. DM9010BI Datasheet HTML 9Page - Davicom Semiconductor, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 60 page
background image
DM9010BI
Industrial-temperature Single Chip Ethernet Controller with General Processor Interface
Preliminary
5
Version: DM9010BI--DS-P01
January 12, 2010
1. GENERAL DESCRIPTION
The DM9010BI is a fully integrated and cost-effective
Industrial-temperature single chip Fast Ethernet MAC
controller with a general processor interface, a
10/100M PHY and 16K Byte SRAM. It is designed
with low power and high performance process that
support 3.3V with 5V tolerance.
The DM9010BI also provides a MII interface to connect
HPNA device or other transceivers that support MII
interface.
The DM9010BI supports 8-bit, 16-bit and 32-bit uP
interfaces to internal memory accesses for different
processors. The PHY of the DM9010BI can interface to
the UTP3, 4, 5 in 10Base-T and UTP5 in 100Base-TX. It is
fully compliant with the IEEE 802.3u Spec. Its
auto-negotiation function will automatically configure the
DM9010BI to take the maximum advantage of its abilities.
The DM9010BI also supports IEEE 802.3x full- duplex flow
control. This programming of the DM9010BI is very simple,
so user can port the software drivers to any system easily.
2. BLOCK DIAGRAM
LED
TX+/-
RX+/-
Autonegotiation
RX Machine
TX Machine
MAC
MII
-
/
PHYceiver
-
EEPROM
Interface
100BaseTX
transceiver
External MII
Interface
Memory
Management
Internal
SRAM
&
Control
Status
Registers
100 Base- TX
PCS
10 Base T
Tx Rx
Auto
MDIX
&
MII Management
Control
MII Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com