Electronic Components Datasheet Search
  English  ▼

X  

DM9010BI Datasheet(PDF) 23 Page - Davicom Semiconductor, Inc.

Part # DM9010BI
Description  Industrial-temperature 10/100 Mbps Single Chip Ethernet Controller With General Processor Interface
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAVICOM [Davicom Semiconductor, Inc.]
Direct Link  http://www.davicom.com.tw
Logo DAVICOM - Davicom Semiconductor, Inc.

DM9010BI Datasheet(HTML) 23 Page - Davicom Semiconductor, Inc.

Back Button DM9010BI Datasheet HTML 19Page - Davicom Semiconductor, Inc. DM9010BI Datasheet HTML 20Page - Davicom Semiconductor, Inc. DM9010BI Datasheet HTML 21Page - Davicom Semiconductor, Inc. DM9010BI Datasheet HTML 22Page - Davicom Semiconductor, Inc. DM9010BI Datasheet HTML 23Page - Davicom Semiconductor, Inc. DM9010BI Datasheet HTML 24Page - Davicom Semiconductor, Inc. DM9010BI Datasheet HTML 25Page - Davicom Semiconductor, Inc. DM9010BI Datasheet HTML 26Page - Davicom Semiconductor, Inc. DM9010BI Datasheet HTML 27Page - Davicom Semiconductor, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 60 page
background image
DM9010BI
Industrial-temperature Single Chip Ethernet Controller with General Processor Interface
Preliminary
23
Version: DM9010BI--DS-P01
January 12, 2010
6
RLCP
PH0,RW
Retry Late Collision Packet
Re-transmit the packet with late-collision
5
DTU
PH0,RW
Disable TX Under run Retry
Disable to re-transmit the underruned packet
4
ONEPM
PH0,RW
One Packet Mode
When set, only one packet transmit command can be issued before transmit
completed.
When cleared, at most two packet transmit command can be issued before
transmit completed.
3~0
IFGS
PH0,RW
Inter-Frame Gap Setting
0XXX: 96-bit
1000: 64-bit
1001: 72-bit
1010:80-bit
1011:88-bit
1100:96-bit
1101:104-bit
1110: 112-bit
1111:120-bit
6.26 Operation Test Control Register (2EH)
Bit
Name
Default
Description
7~6
SCC
PH0,RW
System Clock Control
Set the internal system clock.
00: 50Mhz
01: 20MHz
10: 100MHz
11: 1KHz
In external MII mode, only internal system clock is always 50Mhz.
5
EXTMII
PH0,RW
Force to External MII mode
4
SOE
PH0,RW
SRAM Output-Enable Always ON
3
SCS
PH0,RW
SRAM Chip-Select Always ON
2~0
PHYOP
PH0,RW
PHY operation mode
6.27 Special Mode Control Register (2FH)
Bit
Name
Default
Description
7
SM_EN
HPS0,RW Special Mode Enable
6~3
RESERVED
HPS0,RO
Reserved
2
FLC
HPS0,RW Force Late Collision
1
FB1
HPS0,RW Force Longest Back-off time
0
FB0
HPS0,RW Force Shortest Back-off time
6.28 Early Transmit Control/Status Register (30H)
Bit
Name
Default
Description
7
ETE
HPS0, RW
Early Transmit Enable
Enable bits[1:0]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com