Electronic Components Datasheet Search
  English  ▼

X  

DM9010BI Datasheet(PDF) 57 Page - Davicom Semiconductor, Inc.

Part # DM9010BI
Description  Industrial-temperature 10/100 Mbps Single Chip Ethernet Controller With General Processor Interface
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAVICOM [Davicom Semiconductor, Inc.]
Direct Link  http://www.davicom.com.tw
Logo DAVICOM - Davicom Semiconductor, Inc.

DM9010BI Datasheet(HTML) 57 Page - Davicom Semiconductor, Inc.

Back Button DM9010BI Datasheet HTML 52Page - Davicom Semiconductor, Inc. DM9010BI Datasheet HTML 53Page - Davicom Semiconductor, Inc. DM9010BI Datasheet HTML 54Page - Davicom Semiconductor, Inc. DM9010BI Datasheet HTML 55Page - Davicom Semiconductor, Inc. DM9010BI Datasheet HTML 56Page - Davicom Semiconductor, Inc. DM9010BI Datasheet HTML 57Page - Davicom Semiconductor, Inc. DM9010BI Datasheet HTML 58Page - Davicom Semiconductor, Inc. DM9010BI Datasheet HTML 59Page - Davicom Semiconductor, Inc. DM9010BI Datasheet HTML 60Page - Davicom Semiconductor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 57 / 60 page
background image
DM9010BI
Industrial-temperature Single Chip Ethernet Controller with General Processor Interface
Preliminary
57
Version: DM9010BI--DS-P01
January 12, 2010
11.7 Magnetics Selection Guide
Refer to the following table for 10/100M magnetic
specification requirements. The magnetic which meet
these requirements are available from a variety of
magnetic manufacturers. Designers should test and
qualify all magnetic specifications before using them
in an application. Industrial-temperature range, RoHS
regulations, please contact with your magnetic
vendor, this table only for you reference,
Parameter
Values
Units
Test Condition
Tx / RX turns ratio
1:1 CT / 1:1
-
-
Inductance
350
μH (Min)
-
Insertion loss
1.1
dB ( Max )
1 – 100 MHz
-18
dB ( Min )
1 –30 MHz
-14
dB ( Min )
30 – 60 MHz
Return loss
-12
dB ( Min )
60 – 80 MHz
-40
dB ( Min )
1 – 60 MHz
Differential to common
mode rejection
-30
dB ( Min )
60 – 100 MHz
Transformer isolation
1500
V
-
11.8 Crystal Selection Guide
A crystal can be used to generate the 25MHz
reference clock instead of an oscillator. The crystal
must be a fundamental type, and series-resonant.
Connects to pins X1 and X2, and shunts each crystal
lead to ground with a 22pf capacitor (see figure 11-6).
21
22
X1
X2
AGND
AGND
22pf
25MHz
22pf
Figure 11-6
Crystal Circuit Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com