Electronic Components Datasheet Search
  English  ▼

X  

DM9010BI Datasheet(PDF) 9 Page - Davicom Semiconductor, Inc.

Part # DM9010BI
Description  Industrial-temperature 10/100 Mbps Single Chip Ethernet Controller With General Processor Interface
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAVICOM [Davicom Semiconductor, Inc.]
Direct Link  http://www.davicom.com.tw
Logo DAVICOM - Davicom Semiconductor, Inc.

DM9010BI Datasheet(HTML) 9 Page - Davicom Semiconductor, Inc.

Back Button DM9010BI Datasheet HTML 5Page - Davicom Semiconductor, Inc. DM9010BI Datasheet HTML 6Page - Davicom Semiconductor, Inc. DM9010BI Datasheet HTML 7Page - Davicom Semiconductor, Inc. DM9010BI Datasheet HTML 8Page - Davicom Semiconductor, Inc. DM9010BI Datasheet HTML 9Page - Davicom Semiconductor, Inc. DM9010BI Datasheet HTML 10Page - Davicom Semiconductor, Inc. DM9010BI Datasheet HTML 11Page - Davicom Semiconductor, Inc. DM9010BI Datasheet HTML 12Page - Davicom Semiconductor, Inc. DM9010BI Datasheet HTML 13Page - Davicom Semiconductor, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 60 page
background image
DM9010BI
Industrial-temperature Single Chip Ethernet Controller with General Processor Interface
Preliminary
9
Version: DM9010BI--DS-P01
January 12, 2010
5. PIN DESCRIPTION
I= Input, O=Output, I/O= Input/Output, O/D= Open Drain, P= Power,
LI= reset Latch Input, #= asserted low, PD=internal pull-low about 60K ohm, PU=internal pull-high
5.1 MII Interface
Pin No.
Pin Name
I/O
Description
37
LINK_I
I,PD
External MII device link status
41,40,39,
38
RXD [3:0]
I,PD
External MII Receive Data
4-bit nibble data input (synchronous to RXCLK) when in 10/100 Mbps. MII mode
43
CRS
I/O,PD External MII Carrier Sense
Active high to indicate the pressure of carrier, due to receive or transmit activities
in 10 Base-T or 100 Base-TX modes. This pin is output in reverse MII interface.
44
COL
I/O,PD External MII Collision Detect. This pin is output in reverse MII interface.
45
RX_DV
I,PD
External MII Receive Data Valid
46
RX_ER
I,PD
External MII Receive Error
47
RX_CLK
I,PD
External MII Receive Clock
49
TX_CLK
I/O,PD External MII Transmit Clock. This pin in output in MII interfaces.
53,52,51,
50
TXD [3:0]
O,PD External MII Transmit Data
4-bit nibble data outputs (synchronous to the TX_CLK) when in 10/100Mbps
nibble mode
TXD [2:0] is also used as the strap pins of IO base address.
IO base = (strap pin value of TXD [2:0]) * 10H + 300H
54
TX_ EN
O,PD External MII Transmit Enable
56
MDIO
I/O,PD MII Serial Management Data
57
MDC
O,PD MII Serial Management Data Clock
This pin is also used as the strap pin of the polarity of the INT pin
When the MDC pin is pulled high, the INT pin is low active; otherwise the INT pin
is high active
5.2 Processor Interface
1
IOR#
I,PD
Processor Read Command
This pin is low active at default; its polarity can be modified by EEPROM setting.
See the EEPROM content description for detail
2
IOW#
I,PD
Processor Write Command
This pin is low active at default; its polarity can be modified by EEPROM setting.
See the EEPROM content description for detail
3
AEN
I,PD
Address Enable
A low active signal used to select the DM9010BI.
4
IOWAIT
O,PD Processor Command Ready
When a command is issued before last command is completed, the IOWAIT will
be pulled low to indicate the current command is waited
The polarity and output type can be updated by EEPROM. The default is
Open-Drain output and low active.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com