Electronic Components Datasheet Search
  English  ▼

X  

DM9010BI Datasheet(PDF) 17 Page - Davicom Semiconductor, Inc.

Part # DM9010BI
Description  Industrial-temperature 10/100 Mbps Single Chip Ethernet Controller With General Processor Interface
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAVICOM [Davicom Semiconductor, Inc.]
Direct Link  http://www.davicom.com.tw
Logo DAVICOM - Davicom Semiconductor, Inc.

DM9010BI Datasheet(HTML) 17 Page - Davicom Semiconductor, Inc.

Back Button DM9010BI Datasheet HTML 13Page - Davicom Semiconductor, Inc. DM9010BI Datasheet HTML 14Page - Davicom Semiconductor, Inc. DM9010BI Datasheet HTML 15Page - Davicom Semiconductor, Inc. DM9010BI Datasheet HTML 16Page - Davicom Semiconductor, Inc. DM9010BI Datasheet HTML 17Page - Davicom Semiconductor, Inc. DM9010BI Datasheet HTML 18Page - Davicom Semiconductor, Inc. DM9010BI Datasheet HTML 19Page - Davicom Semiconductor, Inc. DM9010BI Datasheet HTML 20Page - Davicom Semiconductor, Inc. DM9010BI Datasheet HTML 21Page - Davicom Semiconductor, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 60 page
background image
DM9010BI
Industrial-temperature Single Chip Ethernet Controller with General Processor Interface
Preliminary
17
Version: DM9010BI--DS-P01
January 12, 2010
6.4 TX Status Register I ( 03H ) for packet index I
Bit
Name
Default
Description
7
TJTO
PHS0,RO
Transmit Jabber Time Out
It is set to indicate that the transmitted frame is truncated due to more than 2048
bytes are transmitted
6
LC
PHS0,RO
Loss of Carrier
It is set to indicate the loss of carrier during the frame transmission. It is not valid in
internal Loopback mode
5
NC
PHS0,RO
No Carrier
It is set to indicate that there is no carrier signal during the frame transmission. It is
not valid in internal Loopback mode
4
LC
PHS0,RO
Late Collision
It is set when a collision occurs after the collision window of 64 bytes
3
COL
PHS0,RO
Collision Packet
It is set to indicate that the collision occurs during transmission
2
EC
PHS0,RO
Excessive Collision
It is set to indicate that the transmission is aborted due to 16 excessive collisions
1:0
RESERVED
0,RO
Reserved
6.5 TX Status Register II ( 04H ) for packet index I I
Bit
Name
Default
Description
7
TJTO
PHS0,RO
Transmit Jabber Time Out
It is set to indicate that the transmitted frame is truncated due to more than 2048
bytes are transmitted
6
LC
PHS0,RO
Loss of Carrier
It is set to indicate the loss of carrier during the frame transmission. It is not valid in
internal Loopback mode
5
NC
PHS0,RO
No Carrier
It is set to indicate that there is no carrier signal during the frame transmission. It is
not valid in internal Loopback mode
4
LC
PHS0,RO
Late Collision
It is set when a collision occurs after the collision window of 64 bytes
3
COL
PHS0,RO
Collision packet, collision occurs during transmission
2
EC
PHS0,RO
Excessive Collision
It is set to indicate that the transmission is aborted due to 16 excessive collisions
1:0
RESERVED
0,RO
Reserved
6.6 RX Control Register ( 05H )
Bit
Name
Default
Description
7
HASHALL
PHS0,RW
Filter All address in Hash Table
6
WTDIS
PHS0,RW
Watchdog Timer Disable
When set, the Watchdog Timer (2048 bytes) is disabled. Otherwise it is enabled
5
DIS_LONG
PHS0,RW
Discard Long Packet
Packet length is over 1522byte
4
DIS_CRC
PHS0,RW
Discard CRC Error Packet
3
ALL
PHS0,RW
Pass All Multicast
2
RUNT
PHS0,RW
Pass Runt Packet
1
PRMSC
PHS0,RW
Promiscuous Mode
0
RXEN
PHS0,RW
RX Enable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com