Electronic Components Datasheet Search
  English  ▼

X  

DM9010BI Datasheet(PDF) 25 Page - Davicom Semiconductor, Inc.

Part # DM9010BI
Description  Industrial-temperature 10/100 Mbps Single Chip Ethernet Controller With General Processor Interface
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAVICOM [Davicom Semiconductor, Inc.]
Direct Link  http://www.davicom.com.tw
Logo DAVICOM - Davicom Semiconductor, Inc.

DM9010BI Datasheet(HTML) 25 Page - Davicom Semiconductor, Inc.

Back Button DM9010BI Datasheet HTML 21Page - Davicom Semiconductor, Inc. DM9010BI Datasheet HTML 22Page - Davicom Semiconductor, Inc. DM9010BI Datasheet HTML 23Page - Davicom Semiconductor, Inc. DM9010BI Datasheet HTML 24Page - Davicom Semiconductor, Inc. DM9010BI Datasheet HTML 25Page - Davicom Semiconductor, Inc. DM9010BI Datasheet HTML 26Page - Davicom Semiconductor, Inc. DM9010BI Datasheet HTML 27Page - Davicom Semiconductor, Inc. DM9010BI Datasheet HTML 28Page - Davicom Semiconductor, Inc. DM9010BI Datasheet HTML 29Page - Davicom Semiconductor, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 60 page
background image
DM9010BI
Industrial-temperature Single Chip Ethernet Controller with General Processor Interface
Preliminary
25
Version: DM9010BI--DS-P01
January 12, 2010
6.32 General Purpose Control Register 2 (34H)
Bit
Name
Default
Description
7~0
GPC2
HP0,RW
General Purpose Control 2
Define the input/output direction of pins SD23~16, which are used as general
purpose pins when none 32-bit mode and external MII mode, respectively.
6.33 General Purpose Register 2 (35H)
Bit
Name
Default
Description
7~0
GPD2
HP0,RW
General Purpose Register 2 Data
When the correspondent bit of General Purpose Control Register 2 is set, the value
of the bit is reflected to pin SD23~16
When the correspondent bit of General Purpose Control Register 2 is 0, the value
of the bit to be read is reflected from correspondent pins SD23~16
6.34 General Purpose Control Register 3 (36H)
Bit
Name
Default
Description
7~0
GPC3
HP0,RW
General Purpose Control 3
Define the input/output direction of pins SD31~24, which are used as general
purpose pins when none 32-bit mode and external MII mode, respectively.
6.35 General Purpose Register 3 (37H)
Bit
Name
Default
Description
7~0
GPD3
HP0,RW
General Purpose Register 3 Data
When the correspondent bit of General Purpose Control Register 3 is set, the value
of the bit is reflected to pin SD31~24
When the correspondent bit of General Purpose Control Register 3 is 0, the value
of the bit to be read is reflected from correspondent pins SD31~24
6.36 Processor Bus Control Register (38H)
Bit
Name
Default
Description
7
Reserved
P0,RW
Reserved
6:5
CURR
P00,RW
Data Bus Current Driving/Sinking Capability
00: 2mA (default)
01: 4mA
10: 6mA
11: 8mA
4
Reserved
P0,RW
Reserved
3
GPIO
P0,RW
Enable Schmitt Trigger
1: Pin 35/36/37 (IOR/IOW/CS#) have Schmitt trigger capability.
2
Reserved
P0,RW
Reserved
1
IOW_SPIKE
P0,RW
Eliminate IOW spike
1: eliminate about 2ns IOW spike
0
IOR_SPIKE
P1,RW
Eliminate IOR spike
1: eliminate about 2ns IOR spike



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com