Electronic Components Datasheet Search
  English  ▼

X  

LTC3577 Datasheet(PDF) 9 Page - Linear Technology

Part # LTC3577
Description  7-Channel Confi gurable High Power PMIC
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3577 Datasheet(HTML) 9 Page - Linear Technology

Back Button LTC3577 Datasheet HTML 5Page - Linear Technology LTC3577 Datasheet HTML 6Page - Linear Technology LTC3577 Datasheet HTML 7Page - Linear Technology LTC3577 Datasheet HTML 8Page - Linear Technology LTC3577 Datasheet HTML 9Page - Linear Technology LTC3577 Datasheet HTML 10Page - Linear Technology LTC3577 Datasheet HTML 11Page - Linear Technology LTC3577 Datasheet HTML 12Page - Linear Technology LTC3577 Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 38 page
background image
LTC3675
9
3675fa
TYPICAL PERFORMANCE CHARACTERISTICS
1A Buck Regulators,
VOUT1 vs Temperature
1A Buck Regulators, PMOS
Current Limit vs Temperature
1A Buck Regulators, Switch
RDSON vs Temperature
500mA Buck Regulators,
Efficiency vs Load
500mA Buck Regulators,
Load Regulation
500mA Buck Regulators,
Line Regulation
1A Buck Regulators, Transient
Response (Pulse-Skipping Mode)
1A Buck Regulators, Transient
Response (Burst Mode Operation)
1A Buck Regulators, No Load
Start-Up Transient
(Pulse-Skipping Mode)
25μs/DIV
VOUT1
500mV/DIV
INDUCTOR
CURRENT
500mA/DIV
EN1
2V/DIV
3675 G12
VIN = 3.6V
TEMPERATURE (°C)
3.6
3.2
3.4
2.8
3.0
2.2
2.0
2.6
2.4
1.8
1.6
–15
–35
3675 G14
5
25
65
85 105 125
–55
45
VIN = 3.6V
VIN = 5.5V
VIN = 2.7V
TEMPERATURE (°C)
0.60
0.50
0.55
0.40
0.45
0.25
0.20
0.35
0.30
0.15
0.10
0.05
0
–15
–35
3675 G15
5
25
65
85 105 125
–55
45
NMOS RDSON, VIN = 5.5V
NMOS RDSON, VIN = 2.7V
PMOS RDSON, VIN = 5.5V
PMOS RDSON, VIN = 2.7V
50μs/DIV
VOUT1
100mV/DIV
AC-COUPLED
INDUCTOR
CURRENT
200mA/DIV
0mA
LOAD STEP = 100mA TO 700mA
VIN = 3.6V, VOUT1 = 1.2V
3675 G10
50μs/DIV
VOUT1
100mV/DIV
AC-COUPLED
INDUCTOR
CURRENT
200mA/DIV
0mA
3675 G11
LOAD STEP = 100mA TO 700mA
VIN = 3.6V, VOUT1 = 1.2V
LOAD CURRENT (mA)
100
80
90
60
70
30
20
50
40
10
0
10
3675 G16
1000
1
100
VIN = 2.7V Burst Mode OPERATION
VIN = 3.6V Burst Mode OPERATION
VIN = 5.5V Burst Mode OPERATION
VIN = 2.7V PULSE SKIPPING-MODE
VIN = 3.6V PULSE SKIPPING-MODE
VIN = 5.5V PULSE SKIPPING-MODE
VOUT3 = 1.8V
LOAD CURRENT (mA)
1.830
1.820
1.825
1.810
1.815
1.795
1.790
1.805
1.800
1.785
1.780
1.775
1.770
100
10
3675 G17
1000
1
VIN = 5.5V
VIN = 2.7V
PULSE-SKIPPING MODE
VIN = 3.6V
VIN (V)
1.830
1.810
1.820
1.825
1.815
1.790
1.800
1.805
1.770
1.795
1.785
1.780
1.775
3.5
3.1
3675 G18
3.9
4.3
5.1
5.5
2.7
4.7
LOAD = 250mA
PULSE-SKIPPING MODE
LOAD = 50mA
TEMPERATURE (°C)
1.25
1.23
1.24
1.21
1.22
1.18
1.17
1.20
1.19
1.16
1.15
–15
–35
3675 G13
5
25
65
85 105 125
–55
45
VIN = 3.6V
VIN = 5.5V
VIN = 2.7V
PULSE-SKIPPING MODE
LOAD = 500mA
TA = 25°C, unless otherwise noted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com