Electronic Components Datasheet Search
  English  ▼

X  

LTC3577 Datasheet(PDF) 34 Page - Linear Technology

Part # LTC3577
Description  7-Channel Confi gurable High Power PMIC
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3577 Datasheet(HTML) 34 Page - Linear Technology

Back Button LTC3577 Datasheet HTML 30Page - Linear Technology LTC3577 Datasheet HTML 31Page - Linear Technology LTC3577 Datasheet HTML 32Page - Linear Technology LTC3577 Datasheet HTML 33Page - Linear Technology LTC3577 Datasheet HTML 34Page - Linear Technology LTC3577 Datasheet HTML 35Page - Linear Technology LTC3577 Datasheet HTML 36Page - Linear Technology LTC3577 Datasheet HTML 37Page - Linear Technology LTC3577 Datasheet HTML 38Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 34 / 38 page
background image
LTC3675
34
3675fa
TYPICAL APPLICATIONS
Figure 7. Buck Regulators with Sequenced Start-Up and a Single String of LEDs.
Buck Regulators Power-Up in the Sequence Buck1, Buck2 and Buck3
LTC3675
EXPOSED PAD
2.2μH
2.2μH
2.2μH
2.2μH
0.01μF
I2C
CONTROL
MICROPROCESSOR
CONTROL
PUSH BUTTON
VIN
LDO_OUT
LDOFB
VIN
SW5
VOUT5
FB5
SWAB6
SWCD6
VOUT6
FB6
DVCC
SCL
SDA
IRQB
RSTB
WAKE
PBSTAT
EN1
EN2
EN3
EN4
ENBB
CT
ONB
VIN
SW1
FB1
VIN
SW2
FB2
VIN
SW3
FB3
SW4
FB4
SW7
LED1
LED2
LED_OV
LED_FS
3675 F07
UP TO
10 LEDS
324k
649k
324k
649k
10μF
2.2μF
Li-Ion CELL
2.7V TO 4.2V
2.2μH
655k
2.5V
1A
309k
1.2V
1A
1.2V
25mA
1.05M
200k
2.2μH
5V, 1A
3.3V, 1A
590k
1.8V
500mA
475k
4.7μF
50V
511k
1.6V
500mA
511k
10μH
1μF
332k
105k
10μF
1.96M
42.2k
20k
10μF
22μF
10μF
22μF
22μF
10μF
10μF
22μF
22μF
10μF
10μF
10μF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com