Electronic Components Datasheet Search
  English  ▼

X  

LTC3577 Datasheet(PDF) 24 Page - Linear Technology

Part # LTC3577
Description  7-Channel Confi gurable High Power PMIC
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3577 Datasheet(HTML) 24 Page - Linear Technology

Back Button LTC3577 Datasheet HTML 20Page - Linear Technology LTC3577 Datasheet HTML 21Page - Linear Technology LTC3577 Datasheet HTML 22Page - Linear Technology LTC3577 Datasheet HTML 23Page - Linear Technology LTC3577 Datasheet HTML 24Page - Linear Technology LTC3577 Datasheet HTML 25Page - Linear Technology LTC3577 Datasheet HTML 26Page - Linear Technology LTC3577 Datasheet HTML 27Page - Linear Technology LTC3577 Datasheet HTML 28Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 38 page
background image
LTC3675
24
3675fa
OPERATION
data from the selected register. A STOP command is not
required for the bus read operation.
Immediately after writing data to a register, the contents
of that register may be read back if the bus master issues
a START condition followed by the LTC3675 read address.
ERROR CONDITION REPORTING VIA
RSTB AND IRQB PINS
Error conditions are reported back via the IRQB and RSTB
pins. After an error condition is detected, status data can
be read back to a microprocessor via I2C to determine the
exact nature of the error condition.
Figure 4 is a simplified schematic showing the signal path
for reporting errors via the RSTB and IRQB pins.
All the switching regulators and the LED driver have an
internal power good (PGOOD) signal. When the regulated
output voltage of an enabled switcher rises above 93.5%
of its programmed value, the PGOOD signal will transition
high. When the regulated output voltage falls below 92.5%
of its programmed value, the PGOOD signal is pulled low.
If that PGOOD is not masked and stays low for greater than
50μs, then it pulls the RSTB and IRQB pins low, indicating
to a microprocessor that an error condition has occurred.
The 50μs filter time prevents the pins from being pulled
low due to a transient.
The LED driver has a PGOOD signal (PGOOD[7]) that
is used to indicate output voltage status only when it is
configured as a high voltage boost regulator. In all other
operating modes, PGOOD[7] is disabled.
An error condition that pulls the RSTB pin low is not
latched. When the error condition goes away, the RSTB
pin is released and is pulled high if no other error condi-
tion exists.
In addition to the PGOOD signals of the regulators, the
IRQB pin also indicates the status of the overtemperature
and undervoltage flags. The undervoltage and overtem-
perature faults cannot be masked. A fault that causes
the IRQB pin to be pulled low is latched. When the fault
condition is cleared, the IRQB pin is still maintained in its
low state. The user needs to clear the interrupt by using
a CLRINT command.
Figure 4. Simplified Schematic Showing RSTB and IRQB Signal Path
3675 F04
RSTB MASK REGISTER
PGOOD
COMPARATOR
VOUT
IRQB MASK REGISTER
REGULATOR
92% OF PROGRAMMED VOUT
OTHER UNMASKED
PGOOD OUTPUTS
UNMASKED
PGOOD OUTPUTS
UNMASKED
ERROR
EXTERNAL PULL-UP RESISTOR
VIN
AND1
AND2
OTHER UNMASKED
ERRORS
REAL TIME STATUS REGISTER
LATCHED STATUS REGISTER
SET
CLR
CLRINT
EXTERNAL PULL-UP RESISTOR
IRQB
RSTB
VIN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com